Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-150D-12 Arkusz danych(PDF) 2 Page - Astrodyne Corporation

Numer części SD-150D-12
Szczegółowy opis  150W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD-150D-12 Arkusz danych(HTML) 2 Page - Astrodyne Corporation

  SD-150D-12 Datasheet HTML 1Page - Astrodyne Corporation SD-150D-12 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s d - 1 5 0 series
150W Single Output DC-DC Converter
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTROdYNE.COM
Mechanical�Specification
Derating�Curve
File�Name:SD-150-SPEC���2005-05-10
Case�No.�906�����Unit:mm
INPUT�VOLTAGE�(V)
80
85
90
95
100
105
110
115
120
125
130
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
Terminal�Pin.�No Assignment
SD-150B,C
SD-150D
Pin�No.
Pin�No.
Pin�No.
Pin�No.
1,2
1
1,2
4,5
3
2
6,7
Assignment
Assignment
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
INPUT
DC�INPUT V+
AC/DC�INPUT
DC�INPUT V-
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
SD-150B-12
SD-150B-24
SD-150C,D-12
SD-150C,D-24
199
100
172
5
192
7
6
5
4
3
2
1
Static�Characteristics�(24V)
5-M3
20
159
190.5
6
3.5
150W�Single�Output�DC-DC�Converter
S D - 1 5 0 series


Podobny numer części - SD-150D-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
SD-150D-12 MEANWELL-SD-150D-12 Datasheet
432Kb / 2P
   150W Single Output DC-DC Converter
SD-150D-12 MEANWELL-SD-150D-12 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
SD-150D-12 MEANWELL-SD-150D-12 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-150D-12 ASTRODYNE-SD-150D-12 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
More results

Podobny opis - SD-150D-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SD150 ASTRODYNE-SD150 Datasheet
685Kb / 2P
   150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150_10 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
SD-150 MEANWELL-SD-150_11 Datasheet
438Kb / 2P
   150W Single Output DC-DC Converter
SD-150 MEANWELL-SD-150 Datasheet
432Kb / 2P
   150W Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
   150W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150_12 Datasheet
236Kb / 2P
   150W Railway Single Output DC-DC Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150QBW4 GAPTEC-150QBW4 Datasheet
3Mb / 6P
   150W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com