Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28476FAZ-T7 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28476FAZ-T7
Szczegółowy opis  Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28476FAZ-T7 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28476FAZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28476FAZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6301.1
April 20, 2007
IS,ON
Supply Current, Enabled
ISL28276 all channels enabled.
120
156
175
µA
IS,OFF
Supply Current, Disabled
47
9
µA
IS,ON
Supply Current, Enabled
ISL28476 all channels enabled.
240
312
350
µA
IS,OFF
Supply Current, Disabled
814
18
µA
ISC+
Short Circuit Sourcing Capability
RL = 10Ω
29
23
31
mA
ISC-
Short Circuit Sinking Capability
RL = 10Ω
24
19
26
mA
VS
Minimum Supply Voltage
2.4
V
VINH
Enable Pin High Level
2
V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1.3
1.5
µA
IENL
Enable Pin Input Current
VEN = 0V
-0.1
0
+0.1
µA
Electrical Specifications
V+ = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 2. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
AV = 1
RL = 10kΩ
CL = 2.7pF
RF = 100Ω
RG = OPEN
-8
4
8
-4
0
100
10k
100k
10M
FREQUENCY (Hz)
1k
1M
VS = ±1.0V
VS = ±1.25V
VS = ±2.5V
AV = 100
RL = 10kΩ
CL = 2.7pF
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
0
15
20
25
40
45
30
35
5
10
100
10k
100k
1M
FREQUENCY (Hz)
1k
VS = ±1.0V
VS = ±1.25V
VS = ±2.5V
ISL28276, ISL28476


Podobny numer części - ISL28476FAZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28476FAZ INTERSIL-ISL28476FAZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28476FAZ RENESAS-ISL28476FAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
More results

Podobny opis - ISL28476FAZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com