Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM26C31INSR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części AM26C31INSR
Szczegółowy opis  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM26C31INSR Arkusz danych(HTML) 5 Page - Texas Instruments

  AM26C31INSR Datasheet HTML 1Page - Texas Instruments AM26C31INSR Datasheet HTML 2Page - Texas Instruments AM26C31INSR Datasheet HTML 3Page - Texas Instruments AM26C31INSR Datasheet HTML 4Page - Texas Instruments AM26C31INSR Datasheet HTML 5Page - Texas Instruments AM26C31INSR Datasheet HTML 6Page - Texas Instruments AM26C31INSR Datasheet HTML 7Page - Texas Instruments AM26C31INSR Datasheet HTML 8Page - Texas Instruments AM26C31INSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C31C
AM26C31I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IO = −20 mA
2.4
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
|VOD|
Differential output voltage magnitude
RL = 100 Ω,
See Figure 1
2
3.1
V
∆|VOD|
Change in magnitude of differential output voltage‡
RL = 100 Ω,
See Figure 1
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω,
See Figure 1
3
V
∆|VOC|
Change in magnitude of common-mode output voltage‡
RL = 100 Ω,
See Figure 1
±0.4
V
II
Input current
VI = VCC or GND
±1
µA
IO(off)
Driver output current with power off
VCC = 0
VO = 6 V
100
A
IO(off)
Driver output current with power off
VCC = 0
VO = −0.25 V
−100
µA
IOS
Driver output short-circuit current
VO = 0
−30
−150
mA
IOZ
High-impedance off-state output current
VO = 2.5 V
20
A
IOZ
High-impedance off-state output current
VO = 0.5 V
−20
µA
VI = 0 V or 5 V
100
µA
ICC
Quiescent supply current
IO = 0
VI = 2.4 V
or 0.5 V,
1.5
3
mA
ICC
Quiescent supply current
IO = 0
I
or 0.5 V,
See Note 4
1.5
3
mA
Ci
Input capacitance
6
pF
† All typical values are at VCC = 5 V and TA = 25°C.
‡ ∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
NOTE 4: This parameter is measured per input. All other inputs are at 0 or 5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C31C
AM26C31I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
S1 is open,
See Figure 2
3
7
12
ns
tPHL
Propagation delay time, high- to low-level output
S1 is open,
See Figure 2
3
7
12
ns
tsk(p)
Pulse skew time (|tPLH − tPHL|)
S1 is open,
See Figure 2
0.5
4
ns
tr(OD), tf(OD) Differential output rise and fall times
S1 is open,
See Figure 3
5
10
ns
tPZH
Output enable time to high level
S1 is closed,
See Figure 4
10
19
ns
tPZL
Output enable time to low level
S1 is closed,
See Figure 4
10
19
ns
tPHZ
Output disable time from high level
S1 is closed,
See Figure 4
7
16
ns
tPLZ
Output disable time from low level
S1 is closed,
See Figure 4
7
16
ns
Cpd
Power dissipation capacitance (each driver)
(see Note 5)
S1 is open,
See Figure 2
170
pF
† All typical values are at VCC = 5 V and TA = 25°C.
NOTE 5: Cpd is used to estimate the switching losses according to PD = Cpd × VCC2 × f, where f is the switching frequency.


Podobny numer części - AM26C31INSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26C31INSR TI-AM26C31INSR Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
AM26C31INSR TI-AM26C31INSR Datasheet
608Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31INSR TI-AM26C31INSR Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31INSR TI-AM26C31INSR Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31INSR TI1-AM26C31INSR Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
More results

Podobny opis - AM26C31INSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com