Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD62308AFG Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TD62308AFG
Szczegółowy opis  4ch Low Input Active High-Current Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62308AFG Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TD62308AFG Datasheet HTML 1Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62308AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TD62308APG/AFG
2006-06-13
3
Recommended Operating Conditions (Ta
=
40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
4.5
5.5
V
Output sustaining voltage
VCE (SUS)
0
50
V
DC1 circuit, Ta
= 25°C
0
1250
Duty
= 10%
0
1250
APG
Duty
= 50%
0
700
Duty
= 10%
0
1250
Output current
AFG
IOUT
Tpw = 25 ms
4 circuits
Ta
= 85°C
Tj = 120°C
Duty
= 50%
0
390
mA/ch
VIN
0
25
V
Output ON
VIN (ON)
0
VCC
−3.6
Input voltage
Output OFF
VIN (OFF)
VCC
−1.0
VCC
V
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
1.25
A
APG
Ta
= 85°C
(Note 1)
1.4
Power dissipation
AFG
PD
Ta
= 85°C
(Note 2)
0.7
W
Note 1: On glass epoxy PCB (50 × 50 × 1.6 mm Cu 50%)
Note 2: On glass epoxy PCB (60 × 30 × 1.6 mm Cu 30%)
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V, Ta = 25°C
50
Output leakage current
ICEX
1
VCE = 50 V, Ta = 85°C
100
µA
IOUT = 1.25 A
1.8
Output saturation voltage
VCE (sat)
3
IOUT = 0.75 A
1.3
V
High level
VIH
VCC
−1.6
25
Input voltage
Low level
VIL
VCC
−3.6
V
High level
IIH
10
µA
Input current
Low level
IIL
−0.05
−0.36
mA
Clamp diode reverse current
IR
4
VR = 50 V, Ta = 25°C
50
µA
Clamp diode forward voltage
VF
5
IF = 1.25 A
1.5
2.0
V
Output ON
ICC (ON)
VCC = 5.5 V, VIN = 0 V
8.5
12.5
mA/ch
Supply current
Output OFF
ICC (OFF)
2
VCC = 5.5 V, VIN = VCC
1.0
µA
Turn-ON delay
tON
6
CL = 15 pF, VOUT = 50 V,
RL = 40 Ω
0.2
µs
Turn-OFF delay
tOFF
6
CL = 15 pF, VOUT = 35 V,
RL = 40 Ω
5.0
µs


Podobny numer części - TD62308AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62308AF TOSHIBA-TD62308AF Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Podobny opis - TD62308AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP1G TOSHIBA-TD62308BP1G Datasheet
405Kb / 11P
   4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com