Zakładka z wyszukiwarką danych komponentów |
|
TLPGE18TP Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLPGE18TP Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TLPGE18TP(F),TLFGE18TP(F),TLGE18TP(F),TLPYE18TP(F) 2007-10-01 1 TOSHIBA InGaAℓP LED TLPGE18TP(F),TLFGE18TP(F),TLGE18TP(F),TLPYE18TP(F) Panel Circuit Indicator • Lead(Pb)-free products (lead: Sn-Ag-Cu) • 5mm package • InGaAℓP technology • All plastic mold type • Transparent lens • Lineup: 3 colors (pure green, green, pure yellow) • High intensity light emission • Excellent low current light output • Stopper lead type is also available TLPGE18T(F), TLFGE18T(F), TLGE18T(F), TLPYE18T(F) • Applications: outdoor message signboards, safety equipment, backlight, etc. Lineup Product Name Color Material TLPGE18TP(F) Pure Green TLFGE18TP(F) Green TLGE18TP(F) Green TLPYE18TP(F) Pure Yellow P InGaAl Absolute Maximum Ratings (Ta = 25°C) Product Name Forward Current IF (mA) Reverse Voltage VR (V) Power Dissipation PD (mW) Operating Temperature Topr (°C) Storage Temperature Tstg (°C) TLPGE18TP(F) 50 4 120 TLFGE18TP(F) 50 4 120 TLGE18TP(F) 50 4 120 TLPYE18TP(F) 50 4 120 −40~100 −40~120 Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Unit: mm JEDEC ― JEITA ― TOSHIBA 4-5AN2 Weight: 0.31 g(Typ.) |
Podobny numer części - TLPGE18TP |
|
Podobny opis - TLPGE18TP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |