Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPYE50T Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLPYE50T
Szczegółowy opis  Panel Circuit Indicators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE50T Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLPYE50T Datasheet HTML 1Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 2Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 3Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 4Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 5Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 6Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 7Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 8Page - Toshiba Semiconductor TLPYE50T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)50T(F)
2007-10-01
1
TOSHIBA InGaAℓP LED
TLRE50T(F),TLRME50T(F),TLSE50T(F),TLOE50T(F),TLYE50T(F),
TLPYE50T(F),TLGE50T(F),TLFGE50T(F),TLPGE50T(F)
Panel Circuit Indicators
Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 3mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
Line-up: 6 colors (red, orange, yellow, pure yellow, green and pure
green)
• High intensity light emission
• Excellent low current light output
• Applications: message boards, security devices and dashboard
displays
Lineup
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3E1A
Weight: 0.14 g(Typ.)
Product Name
Color
Material
TLRE50T(F)
Red
TLRME50T(F)
Red
TLSE50T(F)
Red
TLOE50T(F)
Orange
TLYE50T(F)
Yellow
TLPYE50T(F)
Pure Yellow
TLGE50T(F)
Green
TLFGE50T(F)
Green
TLPGE50T(F)
Pure Green
P
InGaAl


Podobny numer części - TLPYE50T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPYE50T TOSHIBA-TLPYE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLPYE50T MARKTECH-TLPYE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
More results

Podobny opis - TLPYE50T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com