Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPYE1002A Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLPYE1002A
Szczegółowy opis  Panel Circuit Indicator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE1002A Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLPYE1002A Datasheet HTML 1Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 2Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 3Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 4Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 5Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 6Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 7Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 8Page - Toshiba Semiconductor TLPYE1002A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
2006-06-13
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRE1002A
27.2
70
20
L / M / N / P
TLSE1002A
47.6
140
20
M / N / P / Q
TLOE1002A
47.6
180
20
M / N / P / Q
TLYE1002A
27.2
105
20
L / M / N / P
TLPYE1002A
27.2
70
20
L / M / N / P
TLGE1002A
27.2
70
20
L / M / N / P
TLFGE1002A
8.5
25
20
J / K / L / M
TLPGE1002A
4.76
18
20
H / J / K / L
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
H
4.76
12.9
J
8.5
23
K
15.3
41.4
L
27.2
73.6
M
47.6
129
N
85
230
P
153
414
Q
272
736
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRE1002A
644
18
624
630
638
TLSE1002A
623
17
607
613
621
TLOE1002A
612
15
599
605
613
TLYE1002A
590
13
581
587
595
TLPYE1002A
583
13
574
580
586
TLGE1002A
574
11
565
571
576
TLFGE1002A
568
11
559
565
571
TLPGE1002A
562
11
558
564
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


Podobny numer części - TLPYE1002A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
258Kb / 18P
   Panel Circuit Indicators
More results

Podobny opis - TLPYE1002A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com