Zakładka z wyszukiwarką danych komponentów |
|
AD5422BCPZ Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD5422BCPZ Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 37 page Preliminary Technical Data AD5422 Rev. PrE | Page 11 of 37 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 AD5422 AGND SDO AVSS +VSENSE FAULT GND LATCH CLEAR CLEAR SELECT REFIN SELECT SCLK SDIN GND RSET VOUT BOOST CCOMP1 REFOUT TOP VIEW (Not to Scale) DVCC CCOMP2 I OUT -VSENSE AVDD DVCC 11 12 13 14 15 16 17 18 19 20 1 2 3 4 5 6 7 8 9 10 30 29 28 27 26 25 24 23 22 21 40 39 38 37 36 35 34 33 32 31 LATCH CLEAR SELECT GND FAULT NC NC NC DVCC SELECT BOOST CCOMP1 CCOMP2 IOUT NC SDO SDIN SCLK NC CLEAR TOP VIEW (Not to Scale) AD5422 CAP2 CAP1 Figure 5. TSSOP Pin Configuration Figure 6. LFCSP Pin Configuration Table 6. Pin Function Descriptions TSSOP Pin No. LFCSP Pin No. Mnemonic Description 1 14,37 AVSS Negative Analog Supply Pin. Voltage ranges from –3 V to –24 V. This pin can be connected to 0V if output voltage range is unipolar. 2 39 DVCC Digital Supply Pin. Voltage ranges from 2.7 V to 5.5 V. 3 2 FAULT Fault alert, This pin is asserted low when an open circuit is detected in current mode or an over temperature is detected. Open drain output, must be connected to a pull-up resistor. 4,12 3,15 GND These pins must be connected to 0V. 1,10,11,19, 20,21,22,30, 31,35,38,40 NC No Connection. 5 4 CLEAR SELECT Selects the voltage output clear value, either zero-scale or mid-scale code. See Table 20 6 5 CLEAR Active High Input. Asserting this pin will set the current output to the bottom of the selected range or will set the voltage output to the user selected value (zero-scale or mid-scale). 7 6 LATCH Positive edge sensitive latch, a rising edge will parallel load the input shift register data into the DAC register, also updating the output. 8 7 SCLK Serial Clock Input. Data is clocked into the shift register on the rising edge of SCLK. This operates at clock speeds up to 30 MHz. 9 8 SDIN Serial Data Input. Data must be valid on the rising edge of SCLK. 10 9 SDO Serial Data Output. Used to clock data from the serial register in daisy-chain or readback mode. Data is clocked out on the falling edge of SCLK . See Figure 3 and Figure 4. 11 12 AGND Ground reference pin for analog circuitry. N/A 13 DGND Ground reference pin for digital circuitry. (AGND and DGND are internally connected in TSSOP package). 13 16 RSET An external, precision, low drift 15k Ω current setting resistor can be connected to this pin to improve the IOUT temperature drift performance. Refer to Features section. 14 17 REFOUT Internal Reference Voltage Output. REFOUT = 5 V ± 2 mV. 15 18 REFIN External Reference Voltage Input. Reference input range is 4 V to 5 V. REFIN = 5 V for specified performance. 16 23 DVCC SELECT This pin when connected to GND disables the internal supply and an external supply must be connected to the DVCC pin. Leave this pin unconnected to enable the internal supply. Refer to features section. 17 24 CCOMP1 18 25 CCOMP2 Optional compensation capacitor connection for the voltage output buffer. Connecting a 4nF capacitor between these pins will allow the voltage output to drive up to 1µF. |
Podobny numer części - AD5422BCPZ |
|
Podobny opis - AD5422BCPZ |