Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z00607MN5BL2 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części Z00607MN5BL2
Szczegółowy opis  Standard 0.8 A Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MN5BL2 Arkusz danych(HTML) 6 Page - STMicroelectronics

  Z00607MN5BL2 Datasheet HTML 1Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 2Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 3Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 4Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 5Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 6Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
Z00607
6/7
4
Ordering information
5
Revision history
Table 6.
TO-92 Dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.35
0.053
B
4.70
0.185
C2.54
0.100
D4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
A
F
C
B
a
DE
Ordering type
Marking
Package
Weight
Base
quantity
Delivery
mode
Z00607MA 1BA2
Z0607MA
TO-92
0.2 g
2500
Bulk
Z00607MA 2BL2
Z0607MA
2000
Ammopack
Z00607MA 5BL2
Z0607MA
2000
Tape and reel
Z00607MN 5AA4
Z6M
SOT-223
0.12 g
1000
Tape and reel
Date
Revision
Description of Changes
Oct-2001
4
Last update.
25-Mar-2005
5
Package: TO-92 tape and reel delivery mode 5BL2 added.
21-Jun-2005
6
Markings updated from Z006xxxx to Z06xxxx
13-Sep-2005
7
Z00607MA 2BL2: marking corrected from 00607mA to
Z0607MA
12-Apr-2007
8
Reformatted to current standard. Added SOT-223 package.
Changed Tj from +125 to +110 in Table 1


Podobny numer części - Z00607MN5BL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607MN5AA4 STMICROELECTRONICS-Z00607MN5AA4 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
More results

Podobny opis - Z00607MN5BL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
STMicroelectronics
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com