Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z00607MA5AA4 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części Z00607MA5AA4
Szczegółowy opis  Standard 0.8 A Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MA5AA4 Arkusz danych(HTML) 2 Page - STMicroelectronics

  Z00607MA5AA4 Datasheet HTML 1Page - STMicroelectronics Z00607MA5AA4 Datasheet HTML 2Page - STMicroelectronics Z00607MA5AA4 Datasheet HTML 3Page - STMicroelectronics Z00607MA5AA4 Datasheet HTML 4Page - STMicroelectronics Z00607MA5AA4 Datasheet HTML 5Page - STMicroelectronics Z00607MA5AA4 Datasheet HTML 6Page - STMicroelectronics Z00607MA5AA4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristcs
Z00607
2/7
1
Characteristcs
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
IGT
(1)
1.
minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V RL = 30 Ω
I - II - III
MAX
5
mA
IV
7
VGT
ALL
MAX
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 110° C
ALL
MIN
0.2
V
IH (2)
IT = 200 mA
MX.
5
mA
IL
IG = 1.2 IGT
I - III - IV
MAX
10
mA
II
20
dV/dt (2)
VD = 67% VDRM gate open Tj = 110° C
MIN
10
V/µs
(dV/dt)c (2)
2.
for both polarities of A2 referenced to A1.
(dV/dt)c = 0.35 A/ms
Tj = 110° C
MIN
1.5
V/µs
Table 3.
Static characteristics
Symbol
Test Conditions
Value
Unit
VTM
(1)
1.
for both polarities of A2 referenced to A1.
ITM = 1.1 A
tp = 380 µs
Tj = 25° C
MAX.
1.5
V
Vto
(1)
Threshold voltage
Tj = 110° C
MAX.
0.95
V
Rd
(1)
Dynamic resistance
Tj = 110° C
MAX.
420
m
Ω
IDRM
IRRM
VDRM = VRRM = 600 V
Tj = 25° C
MAX.
5µA
Tj = 110° C
0.1
mA
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-t)
Junction to tab (AC)
SOT-223
25
° C/W
Rth(j-I)
Junction to lead (AC)
TO-92
60
Rth(j-a)
Junction to ambient
S(1) = 5 cm²
1.
S = Copper surface under tab.
SOT-223
60
° C/W
TO-92
150


Podobny numer części - Z00607MA5AA4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607MA5BL2 STMICROELECTRONICS-Z00607MA5BL2 Datasheet
56Kb / 6P
   0.8A TRIAC
Z00607MA5BL2 STMICROELECTRONICS-Z00607MA5BL2 Datasheet
53Kb / 6P
   The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers
Z00607MA5BL2 STMICROELECTRONICS-Z00607MA5BL2 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
More results

Podobny opis - Z00607MA5AA4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
STMicroelectronics
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com