Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z00607MA1BA2-ND Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części Z00607MA1BA2-ND
Szczegółowy opis  Standard 0.8 A Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MA1BA2-ND Arkusz danych(HTML) 4 Page - STMicroelectronics

  Z00607MA1BA2-ND Datasheet HTML 1Page - STMicroelectronics Z00607MA1BA2-ND Datasheet HTML 2Page - STMicroelectronics Z00607MA1BA2-ND Datasheet HTML 3Page - STMicroelectronics Z00607MA1BA2-ND Datasheet HTML 4Page - STMicroelectronics Z00607MA1BA2-ND Datasheet HTML 5Page - STMicroelectronics Z00607MA1BA2-ND Datasheet HTML 6Page - STMicroelectronics Z00607MA1BA2-ND Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
Z00607
4/7
2
Ordering information scheme
Figure 7.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 8.
SOT-223 Thermal resistance
junction to ambient versus copper
surface under tab (printed circuit
board FR4, copper thickness:
35 µm)
0
10
20
30
40
50
60
70
80
90
100
110
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j
R
(°C/W)
th(j-a)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
S(cm²)
Z 006 07 M A
1BA2
Blank
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
006 = 0.8A
07 = 5mA
M = 600V
A = TO-92
N = SOT-223
1BA2 = TO-92 Bulk
2BL2 = TO-92 Ammopack
5BL2 = TO-92 Tape and reel
5AA4 = SOT-223 Tape and reel


Podobny numer części - Z00607MA1BA2-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
56Kb / 6P
   0.8A TRIAC
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
53Kb / 6P
   The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers
logo
Kersemi Electronic Co.,...
Z00607MA1BA2 KERSEMI-Z00607MA1BA2 Datasheet
388Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
More results

Podobny opis - Z00607MA1BA2-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
STMicroelectronics
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com