Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2576 Arkusz danych(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2576
Szczegółowy opis  3A / 52KHz Buck Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576 Arkusz danych(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2576 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS2576
3A / 52KHz Buck Switching Regulator
7/8
Version: A07
TO-263-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XXX = Voltage Code
(3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM5 = TO-263-5L)
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.70
10.54
0.382
0.415
B
14.60
15.87
0.575
0.625
C
0.69
0.94
0.027
0.037
D
1.524
2.032
0.060
0.080
E
4.30
4.70
0.169
0.185
F
1.22
1.40
0.048
0.055
G
2.24
2.82
0.088
0.111
H
0.36
0.56
0.014
0.022
I
8.50
9.20
0.330
0.362
J
1.40 MAX
0.055 MAX


Podobny numer części - TS2576

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5 TSC-TS2576CM5 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5-05 TSC-TS2576CM5-05 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5-12 TSC-TS2576CM5-12 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5-3.3 TSC-TS2576CM5-3.3 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
More results

Podobny opis - TS2576

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com