Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1115 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS1115
Szczegółowy opis  500mA Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1115 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1115 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1115
500mA Low Dropout Positive Voltage Regulator
5/8
Version: A07
TO-92 Mechanical Drawing
Marking Diagram
XX = Voltage Code
(15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
= Leave Blank for Adjustable type
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017


Podobny numer części - TS1115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1115ACYRM TSC-TS1115ACYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115CYRM TSC-TS1115CYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS1115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com