Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT2226 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ACT2226
Szczegółowy opis  DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2226 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74ACT2226 Datasheet HTML 4Page - Texas Instruments SN74ACT2226 Datasheet HTML 5Page - Texas Instruments SN74ACT2226 Datasheet HTML 6Page - Texas Instruments SN74ACT2226 Datasheet HTML 7Page - Texas Instruments SN74ACT2226 Datasheet HTML 8Page - Texas Instruments SN74ACT2226 Datasheet HTML 9Page - Texas Instruments SN74ACT2226 Datasheet HTML 10Page - Texas Instruments SN74ACT2226 Datasheet HTML 11Page - Texas Instruments SN74ACT2226 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN74ACT2226, SN74ACT2228
DUAL 64
× 1, DUAL 256 × 1
CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SCAS219C – JUNE 1992 – REVISED OCTOBER 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded provided that the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
Q outputs, flags
–8
mA
IOL
Low level output current
Q outputs
16
mA
IOL
Low-level output current
Flags
8
mA
TA
Operating free-air temperature
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = –8 mA
2.4
V
VOL
Flags
VCC = 4.5 V,
IOL = 8 mA
0.5
V
VOL
Q outputs
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC
VI = VCC – 0.2 V or 0
400
µA
∆ICC§
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ This is the supply current when each input is at one of the specified TTL voltage levels rather than 0 V or VCC.


Podobny numer części - SN74ACT2226

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226DW TI-SN74ACT2226DW Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74ACT2226

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com