Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP868C15R Arkusz danych(PDF) 2 Page - Fuji Electric

Numer części TP868C15R
Szczegółowy opis  High Voltage Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJI [Fuji Electric]
Strona internetowa  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TP868C15R Arkusz danych(HTML) 2 Page - Fuji Electric

  TP868C15R Datasheet HTML 1Page - Fuji Electric TP868C15R Datasheet HTML 2Page - Fuji Electric TP868C15R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP868C15R (30A)
Characteristics
(150V / 30A )
0.01
0.1
1
10
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Tj=150°C
Tj=125°C
Tj=100°C
Tj=25°C
Forward Characteristic (typ.)
V F
Forward Voltage
(V)
0 1020 3040 5060 708090 100110120130140150160
10
-3
10
-2
10
-1
10
0
10
1
Reverse Characteristic (typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
V R
Reverse Voltage
(V)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
20
22
Per 1element
DC
Square wave
λ =180°
Sine wave
λ =180°
Square wave
λ =120°
Square wave
λ =60°
Forward Power Dissipation (max.)
I o
Average Forward Current
(A)
360°
λ
Io
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
Reverse Power Dissipation (max.)
α =180°
DC
V R
Reverse Voltage
(V)
360°
α
V R
0
5
10
15
20
25
30
35
40
45
100
110
120
130
140
150
λ :Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ =120°C
Square wave
λ =60°C
Square wave
λ =180°C
Sine wave
λ =180°C
DC
Current Derating (Io-Tc) (max.)
I o
Average Output Current
(A)
VR=75V
360°
λ
Io
1
10
100
1000
10
100
1000
Junction Capacitance Characteristic (max.)
VR
Reverse Voltage (V)


Podobny numer części - TP868C15R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fuji Electric
TP868C10R FUJI-TP868C10R Datasheet
623Kb / 6P
   Schottky Barrier Diode
TP868C12R FUJI-TP868C12R Datasheet
74Kb / 3P
   High Voltage Schottky barrier diode
More results

Podobny opis - TP868C15R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fuji Electric
YG861S15R FUJI-YG861S15R Datasheet
128Kb / 4P
   High Voltage Schottky barrier diode
PH868C15 FUJI-PH868C15 Datasheet
68Kb / 3P
   High Voltage Schottky barrier diode
CB863-12 FUJI-CB863-12 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
CB863-20 FUJI-CB863-20 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YA868C15R FUJI-YA868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
PH865C15 FUJI-PH865C15 Datasheet
71Kb / 3P
   High Voltage Schottky barrier diode
FD867-20 FUJI-FD867-20 Datasheet
129Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YG868C12R FUJI-YG868C12R Datasheet
56Kb / 3P
   High Voltage Schottky barrier diode
YA865C12R FUJI-YA865C12R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
TS868C12R FUJI-TS868C12R Datasheet
55Kb / 3P
   High Voltage Schottky barrier diode
YG868C15R FUJI-YG868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com