Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ174 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części 74LVQ174
Szczegółowy opis  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ174 Arkusz danych(HTML) 3 Page - STMicroelectronics

  74LVQ174 Datasheet HTML 1Page - STMicroelectronics 74LVQ174 Datasheet HTML 2Page - STMicroelectronics 74LVQ174 Datasheet HTML 3Page - STMicroelectronics 74LVQ174 Datasheet HTML 4Page - STMicroelectronics 74LVQ174 Datasheet HTML 5Page - STMicroelectronics 74LVQ174 Datasheet HTML 6Page - STMicroelectronics 74LVQ174 Datasheet HTML 7Page - STMicroelectronics 74LVQ174 Datasheet HTML 8Page - STMicroelectronics 74LVQ174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 300
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage (note 1)
2 to 3.6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
-40 to +85
oC
dt/dv
Input Rise and Fall Time (VCC = 3V) (note 2)
0 to 10
ns/V
1) Truth Table guaranteed: 1.2V to 3.6V
2) VIN from 0.8V to 2V
74LVQ174
3/10


Podobny numer części - 74LVQ174

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174 Datasheet
81Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
74LVQ174 FAIRCHILD-74LVQ174 Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
74LVQ174MTR STMICROELECTRONICS-74LVQ174MTR Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74LVQ174SC FAIRCHILD-74LVQ174SC Datasheet
81Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
More results

Podobny opis - 74LVQ174

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com