Zakładka z wyszukiwarką danych komponentów |
|
TL034ACDE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
TL034ACDE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 68 page TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL031M and TL031AM electrical characteristics at specified free-air temperature TL031M, TL031AM PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX TL031M 25 °C 0.54 3.5 0.5 1.5 VIO Input offset voltage VO = 0, VIC 0 TL031M Full range† 6.5 4.5 mV VIO Input offset voltage VIC = 0, RS = 50 Ω TL031AM 25 °C 0.41 2.8 0.34 0.8 mV RS = 50 Ω TL031AM Full range† 5.8 3.8 a Temperature coefficient of VO = 0, VIC 0 TL031M 25 °C to 125 °C 5.1 4.3 µV/°C a V IO input offset voltage VIC = 0, RS = 50 Ω TL031AM 25 °C to 125 °C 5.1 4.3 µV/°C Input offset voltage long-term drift‡ VO = 0, VIC = 0, RS = 50 Ω 25 °C 0.04 0.04 µV/mo IIO Input offset current VO = 0, VIC = 0 25 °C 1 100 1 100 pA IIO Input offset current O , IC See Figure 5 125 °C 0.2 10 0.2 10 nA IIB Input bias current VO = 0, VIC = 0 25 °C 2 200 2 200 pA IIB Input bias current O , IC See Figure 5 125 °C 7 20 8 20 nA VICR Common-mode input 25 °C –1.5 to 4 –3.4 to 5.4 –11.5 to 14 –13.4 to 15.4 V VICR voltage range Full range† –1.5 to 4 –11.5 to 14 V M i iti k 25 °C 3 4.3 13 14 VOM+ Maximum positive peak output voltage swing RL = 10 kΩ –55 °C 3 4.1 13 14 V out ut voltage swing 125 °C 3 4.4 13 14 M i ti k 25 °C –3 –4.2 –12.5 –13.9 VOM– Maximum negative peak output voltage swing RL = 10 kΩ –55 °C –3 –4 –12.5 –13.8 V out ut voltage swing 125 °C –3 –4.3 –12.5 –14 L i l diff ti l 25 °C 4 12 5 14.3 AVD Large-signal differential voltage amplification§ RL = 10 kΩ –55 °C 3 7.1 4 10.4 V/mV voltage am lification§ 125 °C 3 12.9 4 15 ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 5 4 pF Cd VV i 25 °C 70 87 75 94 CMRR Common-mode rejection ratio VIC = VICRmin, VO =0 RS =50 Ω –55 °C 70 87 70 94 dB rejection ratio VO = 0, RS = 50 Ω 125 °C 70 87 70 94 Supply-voltage 25 °C 75 96 75 96 kSVR Su ly voltage rejection ratio VO = 0, RS = 50 Ω –55 °C 75 96 75 95 dB ( ∆VCC±/∆VIO) 125 °C 75 96 75 96 25 °C 1.9 2.5 6.5 8.4 PD Total power dissipation VO = 0, No load –55 °C 1.1 2.5 4.7 8.4 mW 125 °C 1.8 2.5 5.8 8.4 † Full range is –55 °C to 125°C. ‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. § At VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V |
Podobny numer części - TL034ACDE4 |
|
Podobny opis - TL034ACDE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |