Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHCT540AM Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VHCT540AM
Szczegółowy opis  Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT540AM Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VHCT540AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT540AM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT540A Rev. 1.3
5
AC Electrical Characteristics
Notes:
7. Parameter guaranteed by design. tOSLH = |tPLHmax – tPLHmin|; tOSLH = |tPHLmax – tPHLmin|
8. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating c
urrent consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fIN + ICC / 8 (per bit).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ. Max. Min.
Max.
tPLH, tPHL
Propagation Delay
Time
5.0 ± 0.5
CL = 15pF
5.4
7.4
1.0
8.5
ns
CL = 50pF
5.9
8.4
1.0
9.5
tPZL, tPZH
3-STATE Output
Enable Time
5.0 ± 0.5 RL = 1kΩ CL = 15pF
8.3
11.3
1.0
13.0
ns
CL = 50pF
8.8
12.3
1.0
14.0
tPLZ, tPHZ
3-STATE Output
Disable Time
5.0 ± 0.5 RL = 1kΩ CL = 50pF
9.4
11.9
1.0
13.5
ns
tOSLH, tOSHL Output to Output
Skew
5.0 ± 0.5 (7)
CL = 50pF
1.0
1.0
ns
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
9
pF
CPD
Power Dissipation
Capacitance
(8)
19
pF


Podobny numer części - 74VHCT540AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHCT540AM FAIRCHILD-74VHCT540AM Datasheet
100Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT540AMTC FAIRCHILD-74VHCT540AMTC Datasheet
100Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74VHCT540AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com