Zakładka z wyszukiwarką danych komponentów |
|
E-TDA7514TR Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
E-TDA7514TR Arkusz danych(HTML) 10 Page - STMicroelectronics |
10 / 74 page TDA7514 10/74 Symbol Parameter Test Condition Min Typ Max Unit Gvlpf Gain of LPF 14 dB Idischarl discharge current low at DEVTC 6 µA Idischarh discharge current high at DEVTC 20 µA Idischarstep discharge current step at DEVTC 2 µA Vth1 Low threshold1 15 kHzdev Vth2 Low threshold2 20 kHzdev Vth3 Low threshold3 28 kHzdev Vth4 Low threshold4 44 kHzdev Rdev1 Ratio of Vthreshold between strong and high deviation Vthhighdev/Vthdev 1 Rdev2 Ratio of Vthreshold between strong and high deviation Vthhighdev/Vthdev 1.3 Rdev3 Ratio of Vthreshold between strong and high deviation Vthhighdev/Vthdev 1.4 Rdev4 Ratio of Vthreshold between strong and high deviation Vthhighdev/Vthdev 1.5 DEVdesens1 Offset1 for Vsoftmute for desens referred to soft mute threshold 50 mV DEVdesens2 Offset2 for Vsoftmute for desens referred to soft mute threshold 150 mV Field Strength ISS ( FSISS ) ∆Vthisissl Low offset for Vthsm of softmute by Smeter(1ms) referred to soft mute threshold -467 mV ∆Vthisissh High offset for Vthsm of softmute by Smeter(1ms) referred to soft mute threshold +467 mV ∆Vthisissstep Step offset for Vthsm of Softmute by Smeter(1ms) 67 mV SoftMute by Smeter Vthsm1 Threshold level1 T14<1:0>=00 0.3 V Vthsm2 Threshold level2 T14<1:0>=01 0.4 V Vthsm3 Threshold level3 T14<1:0>=10 1.6 V Vthsm4 Threshold level4 T14<1:0>=11 1.8 V Attsmmax Maximum attenuation 21.5 dB Attsmmin Minimum attenuation 4.5 dB Attsmstep Step attenuation 2.5 dB Table 3. (continued) |
Podobny numer części - E-TDA7514TR |
|
Podobny opis - E-TDA7514TR |