Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC04DE4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHC04DE4
Szczegółowy opis  HEX INVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC04DE4 Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74AHC04DE4 Datasheet HTML 1Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 2Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 3Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 4Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 5Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 6Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 7Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 8Page - Texas Instruments SN74AHC04DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC CABLE
Supply voltage range
–0.5
7
V
VCC
Supply voltage range
–0.5
4.6
V
Cable side(2)(3)
–2
7
VI
Input and output voltage range
V
VO
Peripheral side(2)
–0.5
VCC + 0.5
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–50
mA
Except PERI LOGIC OUT
±50
IO
Continuous output current
mA
PERI LOGIC OUT
±100
Continuous current through each VCC or GND
±200
mA
ISK
Output high sink current
VO = 5.5 V and VCC CABLE = 3 V
65
mA
θ
JA
Package thermal impedance(4)
70
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The ac input voltage pulse duration is limited to 40 ns if the amplitude is greater than –0.5 V.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC CABLE
Supply voltage for the cable side, VCC CABLE ≥ VCC
3
5.5
V
VCC
Supply voltage
3
3.6
V
A, B, DIR, and HD
2
C14–C17
2.3
VIH
High-level input voltage
V
HOST LOGIC IN
2.6
PERI LOGIC IN
2
A, B, DIR, and HD
0.8
C14–C17
0.8
VIL
Low-level input voltage
V
HOST LOGIC IN
1.6
PERI LOGIC IN
0.8
Peripheral side
0
VCC
VI
Input voltage
V
Cable side
0
5.5
VO
Open-drain output voltage
HD low
0
5.5
V
HD high, B and Y outputs
–14
IOH
High-level output current
A outputs and HOST LOGIC OUT
–4
mA
PERI LOGIC OUT
–0.5
B and Y outputs
14
IOL
Low-level output current
A outputs and HOST LOGIC OUT
4
mA
PERI LOGIC OUT
84
TA
Operating free-air temperature
0
70
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Podobny numer części - SN74AHC04DE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC04D TI-SN74AHC04D Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04DB TI-SN74AHC04DB Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04DBLE TI-SN74AHC04DBLE Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04DBR TI-SN74AHC04DBR Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04DBR TI-SN74AHC04DBR Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHC04 HEX INVERTERS
REVISED JUNE 2023
More results

Podobny opis - SN74AHC04DE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com