Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90614ESF-DAC Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części MLX90614ESF-DAC
Szczegółowy opis  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614ESF-DAC Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  MLX90614ESF-DAC Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614ESF-DAC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
6 Pin definitions and descriptions
Top view
4 - VSS
3 - VDD
2 - PWM/
SDA
1 - SCL/
Vz
Figure 2: Pin description
Pin Name
Function
VSS
Ground. The metal can is also connected to this pin.
SCL / Vz
Serial clock input for 2 wire communications protocol. 5.7V zener
is available at this pin for connection of external bipolar transistor
to MLX90614A to supply the device from external 8 -16V source.
PWM / SDA
Digital input / output. In normal mode the measured object
temperature is available at this pin Pulse Width Modulated.
In SMBus compatible mode automatically configured as open
drain NMOS.
VDD
External supply voltage.
Table 2: Pin description MLX90614
Note: for +12V (+8…+16V) powered operation refer to the Application information section. For EMC and
isothermal conditions reasons it is highly recommended not to use any electrical connection to the metal can
except by the Vss pin.
With the SCL/Vz and PWM/SDA pins operated in 2-wire interface mode, the input Schmidt trigger function is
automatically enabled.
3901090614
Page 5 of 40
Data Sheet
Rev 003
03/Oct/2007


Podobny numer części - MLX90614ESF-DAC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90614ESF-DAC MELEXIS-MLX90614ESF-DAC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-DAC-000-TU MELEXIS-MLX90614ESF-DAC-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Podobny opis - MLX90614ESF-DAC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com