Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA-4D7UW-A Arkusz danych(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Numer części BA-4D7UW-A
Szczegółowy opis  super red chips which are made from AlGaAs on GaAs substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Strona internetowa  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-4D7UW-A Arkusz danych(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BA-4D7UW-A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-4D7UW-A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-4D7UW-A Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--4
4D
D7
7U
UW
W--A
A
Ver.2.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Forward Voltage (V)
1
2
345
0
10
20
30
40
50
Fig.2 Forward Current VS.
Forward Voltage
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Ambient Temperature Ta( C)
Forward Current(mA)
-40
-20
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig.3 Relative Luminous
Intensity VS.
Ambient Temperature
Fig.4 Relative Luminous
Intensity VS.
Forward Current
10
20
30
40
50
1.0
2.0
3.0
0
570
600
0.5
630
660
1.0
750
690
720
Ambient Temperature Ta( C)
Fig.5 Forward Current
0
10
20
40
20
60
40
50
Derating Curve VS.
80
100
30
120
Ambient Temperature
0.0


Podobny numer części - BA-4D7UW-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yellow Stone Corp
BA-4D7UW-A YSTONE-BA-4D7UW-A Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
More results

Podobny opis - BA-4D7UW-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BD-E406RD BRIGHT-BD-E406RD Datasheet
174Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4S7UW-A BRIGHT-BA-4S7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BD-A50DRD BRIGHT-BD-A50DRD Datasheet
170Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
BD-E54DRD BRIGHT-BD-E54DRD Datasheet
247Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-A546RD BRIGHT-BD-A546RD Datasheet
250Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-C516RD BRIGHT-BD-C516RD Datasheet
208Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E326RD BRIGHT-BD-E326RD Datasheet
259Kb / 4P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E546RD BRIGHT-BD-E546RD Datasheet
184Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BA-2S10UW BRIGHT-BA-2S10UW Datasheet
160Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com