Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD-F304RD Arkusz danych(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Numer części BD-F304RD
Szczegółowy opis  hi-eff red chips, which are made from GaAsP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Strona internetowa  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F304RD Arkusz danych(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-F304RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F304RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F304RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--F
F3
30
04
4R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
Package Dimensions :
10
4.00(.157)
7.62(.300)
2.54(.100)
15.0(.591)
7.20(.283)
3.0(.118) MIN.
0.5(.020)
15.50(.610)
1.1(.043)
10.16(.400)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.30 inch (7.62mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Duplex drive common cathode.
Description :
1.
The BD-F304RD is a 7.62mm (0.3")
high dual digit seven segments display.
2.
This product use hi-eff red chips, which
are made from GaAsP on GaP substrate.
3.
This product have a black face and
white segments.
Internal Circuit Diagram :


Podobny numer części - BD-F304RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BD-F302RD BRIGHT-BD-F302RD Datasheet
184Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-F305RD BRIGHT-BD-F305RD Datasheet
199Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-F306RD BRIGHT-BD-F306RD Datasheet
206Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
More results

Podobny opis - BD-F304RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BD-A514RE BRIGHT-BD-A514RE Datasheet
265Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-C304ND BRIGHT-BD-C304ND Datasheet
239Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E544RE BRIGHT-BD-E544RE Datasheet
192Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-2E2UW BRIGHT-BA-2E2UW Datasheet
213Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BA-3E12UW BRIGHT-BA-3E12UW Datasheet
179Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E524RD BRIGHT-BD-E524RD Datasheet
227Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-10E1UD BRIGHT-BA-10E1UD Datasheet
201Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BD-E324RD BRIGHT-BD-E324RD Datasheet
287Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-8E9UW BRIGHT-BA-8E9UW Datasheet
226Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com