Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY133 Arkusz danych(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Numer części BY133
Szczegółowy opis  CURRENT 1.0 Ampere VOLTAGE 1800 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAESAN [DAESAN ELECTRONIC CORP.]
Strona internetowa  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY133 Arkusz danych(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BY133 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY133 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY133
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· Construction utilizes void-free molded plastic technique
· Low reverse leakage
· Low forward voltage drop
· High forward surge current capability
· High current capability
· High reliability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-41 molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.012 ounce, 0.33 grams
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
CURRENT 1.0 Ampere
VOLTAGE 1800 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=75
Maximum instantaneous forward voltage
at 1.0A
VRRM
Volts
Symbols
Units
1.1
VF
VRMS
1.0
Amps
Amps
30.0
IFSM
TJ
TSTG
200.0
-50 to +150
Volts
Maximum reverse current
at rated DC blocking voltage
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Operating and storage temperature range
BY133
5.0
50.0
25.0
1800
1270
1800
Volts
μA
℃/W
pF
I(AV)
IR
R
θJL
R
θJA
TA=25
TA=100
15.0
CJ
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.205(5.2)
0.166(4.2)
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
DIA.


Podobny numer części - BY133

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Sangdest Microelectroni...
BY133 SMC-BY133 Datasheet
169Kb / 4P
   SILICON RECTIFIER
logo
Diotec Semiconductor
BY133 DIOTEC-BY133 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
List of Unclassifed Man...
BY133 ETC2-BY133 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
EIC discrete Semiconduc...
BY133 EIC-BY133 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Podobny opis - BY133

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
FFM10W RECTRON-FFM10W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
logo
GOOD-ARK Electronics
1F10 GOOD-ARK-1F10_15 Datasheet
117Kb / 2P
   High Voltage Fast Recovery Rectifiers Reverse Voltage 1000 to 1800 Volts Forward Current 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001GP DAESAN-1N4001GP Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1300 Volts
ES1A DAESAN-ES1A Datasheet
410Kb / 3P
   CURRENT 1.0 Ampere VOLTAGE 50 to 400 Volts
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
   VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4933G DAESAN-1N4933G Datasheet
321Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com