Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11191DW Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części 74AC11191DW
Szczegółowy opis  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74AC11191DW Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button 74AC11191DW Datasheet HTML 2Page - Texas Instruments 74AC11191DW Datasheet HTML 3Page - Texas Instruments 74AC11191DW Datasheet HTML 4Page - Texas Instruments 74AC11191DW Datasheet HTML 5Page - Texas Instruments 74AC11191DW Datasheet HTML 6Page - Texas Instruments 74AC11191DW Datasheet HTML 7Page - Texas Instruments 74AC11191DW Datasheet HTML 8Page - Texas Instruments 74AC11191DW Datasheet HTML 9Page - Texas Instruments 74AC11191DW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74AC11191
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
SCAS105A – FEBRUARY 1990 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
100
135
100
MHz
tPLH
LOAD
Any Q
3.1
6.7
9.4
3.1
10.6
ns
tPHL
LOAD
Any Q
3
6.4
9
3
10.2
ns
tPLH
LOAD
MAX/MIN
4.3
8.8
12.5
4.3
14.3
ns
tPHL
LOAD
MAX/MIN
4
8.4
12
4
13.7
ns
tPLH
LOAD
RCO
4.5
9.7
13.7
4.5
15.4
ns
tPHL
LOAD
RCO
5
10.1
14.4
5
16.3
ns
tPLH
ABCor D
Any Q
2.9
6.2
8.7
2.9
9.8
ns
tPHL
A, B, C, or D
Any Q
3
6.1
8.7
3
9.8
ns
tPLH
ABCor D
MAX/MIN
4.1
8.4
12.2
4.1
13.7
ns
tPHL
A, B, C, or D
MAX/MIN
3.5
8
11.8
3.5
13.4
ns
tPLH
ABCor D
RCO
4.3
9.2
13.5
4.3
15.1
ns
tPHL
A, B, C, or D
RCO
4.7
9.7
14
4.7
16
ns
tPLH
CLK
RCO
2.4
5.9
8.4
2.4
9.1
ns
tPHL
CLK
RCO
2.9
5.6
7.7
2.9
8.7
ns
tPLH
CLK
Any Q
1.9
5.2
7.6
1.9
8.4
ns
tPHL
CLK
Any Q
2.4
5.4
8
2.4
9.4
ns
tPLH
CLK
MAX/MIN
3
6.5
8.8
3
10.4
ns
tPHL
CLK
MAX/MIN
3.6
7.1
10.4
3.6
10.8
ns
tPLH
D/U
RCO
3.5
7.2
10.2
3.5
11.3
ns
tPHL
D/U
RCO
3.5
6.9
10
3.5
11.5
ns
tPLH
D/U
MAX/MIN
2.3
5.7
8.1
2.3
9.1
ns
tPHL
D/U
MAX/MIN
2.7
5.9
8.6
2.7
9.7
ns
tPLH
CTEN
RCO
2.1
4.9
6.8
2.1
7.7
ns
tPHL
CTEN
RCO
2.2
4.8
6.7
2.2
7.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
66
pF


Podobny numer części - 74AC11191DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11191DW TI1-74AC11191DW Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results

Podobny opis - 74AC11191DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com