Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT573D Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74AHCT573D
Szczegółowy opis  Octal D-type transparent latch; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573D Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT573D Datasheet HTML 7Page - NXP Semiconductors 74AHCT573D Datasheet HTML 8Page - NXP Semiconductors 74AHCT573D Datasheet HTML 9Page - NXP Semiconductors 74AHCT573D Datasheet HTML 10Page - NXP Semiconductors 74AHCT573D Datasheet HTML 11Page - NXP Semiconductors 74AHCT573D Datasheet HTML 12Page - NXP Semiconductors 74AHCT573D Datasheet HTML 13Page - NXP Semiconductors 74AHCT573D Datasheet HTML 14Page - NXP Semiconductors 74AHCT573D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2003 Dec 08
11
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
−−
V
IO = −8.0 mA
4.5
3.70
−−
V
VOL
LOW-level output voltage VI =VIH or VIL
IO =50 µA
4.5
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.55
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
2.0
µA
IOZ
3-state output OFF
current
VI =VIH or VIL;
VO =VCC or GND per
input pin; other inputs at
VCC or GND; IO =0
5.5
−−
±10.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 5.5
−−
80
µA
∆ICC
additional quiescent
supply current per input
pin
VI =VCC − 2.1 V; other
inputs at VCC or GND;
IO =0
4.5 to 5.5
−−
1.5
mA
CI
input capacitance
−−
10
pF
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Podobny numer części - 74AHCT573D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT573D PHILIPS-74AHCT573D Datasheet
91Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCT573D NEXPERIA-74AHCT573D Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHCT573D-Q100 NEXPERIA-74AHCT573D-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHCT573D-Q100 NEXPERIA-74AHCT573D-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
More results

Podobny opis - 74AHCT573D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com