Zakładka z wyszukiwarką danych komponentów |
|
CD104NP-560K Arkusz danych(PDF) 2 Page - Sumida Corporation |
|
CD104NP-560K Arkusz danych(HTML) 2 Page - Sumida Corporation |
2 / 2 page Type: CD104 Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 POWER INDUCTORS <SMD Type: CD Series> ◆ Specification Part Name ※ Stamp Inductance [ Within] ※ 1 D.C.R (mΩ) [Max.] (TYP.) (at 20℃) Rated Current (A) ※ 2 S.R.F. (MHz) (TYP.) CD1Ø4NP-1ØØM□ 100M 10μH±20% 53(40.8) 2.38 29.9 CD1Ø4NP-12ØM□ 120M 12μH±20% 61(46.4) 2.13 29.7 CD1Ø4NP-15ØM□ 150M 15μH±20% 70(53.9) 1.87 25.1 CD1Ø4NP-18ØM□ 180M 18μH±20% 81(62.2) 1.73 23.0 CD1Ø4NP-22ØM□ 220M 22μH±20% 88(67.4) 1.60 20.0 CD1Ø4NP-27ØM□ 270M 27μH±20% 100(77.2) 1.44 18.5 CD1Ø4NP-33ØM□ 330M 33μH±20% 120(92.0) 1.26 16.9 CD1Ø4NP-39ØM□ 390M 39μH±20% 151(116.1) 1.20 14.9 CD1Ø4NP-47ØM□ 470M 47μH±20% 170(130.6) 1.10 13.8 CD1Ø4NP-56ØK□ 560K 56μH±10% 199(152.7) 1.01 12.6 CD1Ø4NP-68ØK□ 680K 68μH±10% 223(171.6) 0.91 10.4 CD1Ø4NP-82ØK□ 820K 82μH±10% 252(194.1) 0.85 10.0 CD1Ø4NP-1Ø1K□ 101K 100μH±10% 344(264.9) 0.74 9.42 CD1Ø4NP-121K□ 121K 120μH±10% 396(304.7) 0.69 8.74 CD1Ø4NP-151K□ 151K 150μH±10% 544(418.1) 0.61 7.29 CD1Ø4NP-181K□ 181K 180μH±10% 621(477.7) 0.56 6.53 CD1Ø4NP-221K□ 221K 220μH±10% 721(554.5) 0.53 5.85 CD1Ø4NP-271K□ 271K 270μH±10% 949(730.3) 0.45 5.51 CD1Ø4NP-331K□ 331K 330μH±10% 1100(845.8) 0.42 4.91 CD1Ø4NP-391K□ 391K 390μH±10% 1245(957.5) 0.38 4.32 CD1Ø4NP-471K□ 471K 470μH±10% 1526(1220.6) 0.35 4.06 CD1Ø4NP-561K□ 561K 560μH±10% 1904(1522.9) 0.32 3.55 ※ Description of part Name ※ 1: Measuring Frequency 10μH ~ 82μH ; at 2.52 MHz 100μH ~ 560μH ; at 1 kHz ※ 2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃, whichever is lower(Ta=20℃). CD104NP-100M BBox C Carrier tape |
Podobny numer części - CD104NP-560K |
|
Podobny opis - CD104NP-560K |