Zakładka z wyszukiwarką danych komponentów |
|
BTB24-800CW Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
BTB24-800CW Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 12 page Characteristics BTA24, BTB24, BTA25, BTA26 and T25 series 4/12 Figure 1. Maximum power dissipation versus RMS on-state current (full cycle) Figure 2. RMS on-state current versus case temperature (full cycle) 0 5 10 15 20 25 0 5 10 15 20 25 30 P(W) I (A) T(RMS) 0 25 50 75 100 125 0 5 10 15 20 25 30 I (A) T(RMS) T (°C) C BTA24 BTA25 / BTA26 BTB / T25 Figure 3. D2PAK RMS on-state current versus ambient temperature (printed circuit board FR4, copper thickness: 35µm) (full cycle) Figure 4. Relative variation of thermal impedance versus pulse duration 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 I (A) T(RMS) T (°C) amb DPAK (S=1cm ) 2 2 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 1E-3 1E-2 1E-1 1E+0 K=[Z /R th th] t (s) p Zth(j-c) Z BTA / BTB24 / T25 th(j-a) Z BTA26 th(j-a) Figure 5. On-state characteristics (maximum values) Figure 6. Surge peak on-state current versus number of cycles 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 1 10 100 300 I (A) TM V (V) TM T = 25°C j . T max. V = 0.85V R = 16 m j to d Ω T= j T max. j 1 10 100 1000 0 50 100 150 200 250 300 I (A) TSM Number of cycles t=20ms One cycle Non repetitive T initial=25°C j Repetitive T =75°C C |
Podobny numer części - BTB24-800CW |
|
Podobny opis - BTB24-800CW |