Zakładka z wyszukiwarką danych komponentów |
|
BTA24-XXXCW Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
BTA24-XXXCW Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 12 page Ordering information scheme BTA24, BTB24, BTA25, BTA26 and T25 series 6/12 2 Ordering information scheme Figure 12. BTA and BTB series Figure 13. T25 series Table 6. Product Selector Part Numbers Voltage (xxx) Sensitivity Type Package 600 V 800 V BTA24-xxxBRG X X 50 mA Standard TO-220AB BTA/BTB(1)24-xxxBWRG 1. BTB: non insulated TO-220AB package X X 50 mA Snubberless TO-220AB BTA/BTB(1)24-xxxCWRG X X 35 mA Snubberless TO-220AB BTA25-xxxBRG X X 50 mA Standard RD91 BTA25-xxxBWRG X X 50 mA Snubberless RD91 BTA25-xxxCWRG X X 35 mA Snubberless RD91 BTA26-xxxBRG X X 50 mA Standard TOP3 Ins. BTA26-xxxBWRG X X 50 mA Snubberless TOP3 Ins. BTA26-xxxCWRG X X 35 mA Snubberless TOP3 Ins. T2535-xxxG X X 35 mA Snubberless D2PAK BT A 24 - 600 BW RG Triac series Insulation Current Voltage Sensitivity and type Packing mode A = insulated B = non insulated 24 = 25A in TO-220AB 25 = 25A in RD91 26 = 25A in TOP3 600 = 600V 800 = 800V B = 50mA Standard BW = 50mA Snubberless CW = 35mA RG = Tube Snubberless T 25 35 - 600 G (-TR) Triac series Sensitivity Voltage Package Packing mode Current 25 = 25A 35 = 35mA 600 = 600V 800 = 800V G = D PAK Blanck = Tube -TR = Tape & Reel 2 |
Podobny numer części - BTA24-XXXCW |
|
Podobny opis - BTA24-XXXCW |