Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2020BNP-601 Arkusz danych(PDF) 2 Page - Sumida Corporation

Numer części LF2020BNP-601
Szczegółowy opis  AC COMMON MODE COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2020BNP-601 Arkusz danych(HTML) 2 Page - Sumida Corporation

  LF2020BNP-601 Datasheet HTML 1Page - Sumida Corporation LF2020BNP-601 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2020B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification (LF2020B-1)
Part No.
Stamp
Inductance
[MIN.] (mH)
(1-2)( 4-3)
1kHz
D.C.R. (Ω)
[MAX.]
(1-2)(4-3)
(at 20℃)
Rated current
(50/60Hz)
(
Arms)※1
LF2Ø2ØBNP-6Ø1
601
0.6
0.06
3.0
LF2Ø2ØBNP-132
132
1.3
0.12
2.2
LF2Ø2ØBNP-242
242
2.4
0.19
1.7
LF2Ø2ØBNP-352
352
3.5
0.28
1.3
LF2Ø2ØBNP-5Ø2
502
5.0
0.40
1.1
LF2Ø2ØBNP-622
622
6.2
0.44
1.0
LF2Ø2ØBNP-832
832
8.3
0.74
0.8
LF2Ø2ØBNP-123
123
12.0
0.90
0.7
LF2Ø2ØBNP-183
183
18.0
1.3
0.6
LF2Ø2ØBNP-233
233
23.0
1.8
0.5
LF2Ø2ØBNP-353
353
35.0
2.6
0.4
LF2Ø2ØBNP-553
553
55.0
4.1
0.3
Specification (LF2020B-2)
Part No.
Stamp
Inductance
[MIN.](mH)
(1-2)( 4-3)
1kHz/1V
D.C.R. (Ω)
[MAX.]
(1-2)(4-3)
(at 20℃)
Rated current
(50/60Hz)
(
Arms)※1
LF2Ø2ØBNP-R9Ø1
R901
0.9
0.06
3.0
LF2Ø2ØBNP-R2Ø2
R202
2.0
0.12
2.2
LF2Ø2ØBNP-R362
R362
3.6
0.19
1.7
LF2Ø2ØBNP-R522
R522
5.2
0.28
1.3
LF2Ø2ØBNP-R762
R762
7.6
0.40
1.1
LF2Ø2ØBNP-R932
R932
9.3
0.44
1.0
LF2Ø2ØBNP-R133
R133
13.0
0.74
0.8
LF2Ø2ØBNP-R193
R193
19.0
0.90
0.7
LF2Ø2ØBNP-R273
R273
27.0
1.3
0.6
LF2Ø2ØBNP-R353
R353
35.0
1.8
0.5
LF2Ø2ØBNP-R523
R523
52.0
2.6
0.4
LF2Ø2ØBNP-R823
R823
82.0
4.1
0.3
1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃).


Podobny numer części - LF2020BNP-601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
LF2020 SUMIDA-LF2020 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
   AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
123Kb / 1P
   AC Commom mode coil
LF2020-103 SUMIDA-LF2020-103 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF2020-183 SUMIDA-LF2020-183 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
More results

Podobny opis - LF2020BNP-601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
   AC COMMON MODE COIL
LF2628 SUMIDA-LF2628 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
LF2829 SUMIDA-LF2829 Datasheet
125Kb / 1P
   AC COMMON MODE COIL
UU16LF SUMIDA-UU16LF_06 Datasheet
135Kb / 2P
   AC COMMON MODE COIL
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
   AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
   AC COMMON MODE COIL
LF2429 SUMIDA-LF2429 Datasheet
162Kb / 1P
   AC COMMON MODE COIL
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com