Zakładka z wyszukiwarką danych komponentów |
|
LF2429 Arkusz danych(PDF) 1 Page - Sumida Corporation |
|
LF2429 Arkusz danych(HTML) 1 Page - Sumida Corporation |
|
1 / 1 page AC COMMON MODE COIL <Pin Type: LF Series> Type: LF2429 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 1 4 23 10.0±0.5 30.1 MAX. 18.4 MAX. 4.0±1.0 ◆ Product Description ・ 25.6×18.4mm Max.(L×W), 30.1mm Max. Height. ・ Inductance range: 4.5mH ・ Rated current range: 2.5A ・ In addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements. ◆ Feature ・ Large inductance is possible with closed magnetic core. ・ Inexpensive type. ・ Excellent attenuation characteristics in low frequency range. ・ Ideally used in TV,VCR,AV,OA equipment for noise prevention. ・ RoHS Compliance ◆ Dimensions (mm) ◆ Schematics (Bottom) * Winding start is #1,#2 or #4,#3. * #1, #4:should be same * Dimension does not include solder used on coil. polarity. * Terminal pitch is measured at the base(not from tip of the pin) ◆ Specification Part No. E139369 Measuring condition Inductance (3-2) and (4-1) 4.5mH MIN. (7.0mH TYP.) 1kHz、0.1V Inductance Balance △ L=|L1-L2| 200μH MAX. 1kHz、0.1V D.C.R. (3-2) and (4-1) 110mΩ MAX.(85mΩ TYP.) at 20℃ Rated Current ※1 (3-4) 2.5A (PIN#1 & PIN#2 shorted) ※ 1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃). ② ① ③ ④ |
Podobny numer części - LF2429 |
|
Podobny opis - LF2429 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |