Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2020BNP-832 Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części LF2020BNP-832
Szczegółowy opis  AC COMMON MODE COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2020BNP-832 Arkusz danych(HTML) 1 Page - Sumida Corporation

  LF2020BNP-832 Datasheet HTML 1Page - Sumida Corporation LF2020BNP-832 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2020B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
22.0±1.0
5.0
±1.0
10.0±0.5
15.0±1.0
Adhesive
Product Description
22.0×16.0mm Max.(L×W), 23.0mm Max. Height.
Inductance range: 0.6mH~82mH.
Rated current range: 0.3~3.0A
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Small size and large inductance type.
Exellent attenuation characteristics in low frequency.
Ideally used in TV,VCR,AV,OA equipment for noise prevention.
RoHS Compliance
Dimensions (mm)
Dimension does not include solder used on coil.
Terminal pitch is measured at the base(not from tip of the pin)
Schematics (Bottom)
Winding start is #1,#4 or #2,#3.
#1 and #4,#2 and #3:should be the same polarity.


Podobny numer części - LF2020BNP-832

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
LF2020 SUMIDA-LF2020 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
   AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
123Kb / 1P
   AC Commom mode coil
LF2020-103 SUMIDA-LF2020-103 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF2020-183 SUMIDA-LF2020-183 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
More results

Podobny opis - LF2020BNP-832

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
   AC COMMON MODE COIL
LF2628 SUMIDA-LF2628 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
LF2829 SUMIDA-LF2829 Datasheet
125Kb / 1P
   AC COMMON MODE COIL
UU16LF SUMIDA-UU16LF_06 Datasheet
135Kb / 2P
   AC COMMON MODE COIL
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
   AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
   AC COMMON MODE COIL
LF2429 SUMIDA-LF2429 Datasheet
162Kb / 1P
   AC COMMON MODE COIL
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com