Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-8G Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części M-8G
Szczegółowy opis  IFT COILS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

M-8G Arkusz danych(HTML) 1 Page - Sumida Corporation

  M-8G Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: M-8G
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: M-8 Series>
Product Description
8.2×8.2mm Max.(L×W), 11.0mm Max. Height.
Inductance:27mH Max.
Operating frequency:500kHz Max.
In addition to the standard versions of parameters shown here, custom designs
are available to meet your exact requirements
Feature
Variable inductance shielded type.
Can be used as bias oscillation transformer.
RoHS Compliance
Dimensions (mm)
Connection
(Bottom View)
Specification
Part No.
Stamp
Inductance
[Variable] at 1kHz
Unloaded Q
[Min.] at 100kHz
D.C.R.(Ω)
[MAX.](at=20℃)
M8GNP-1Ø2
102
1.0mH±6%
80
2.5
M8GNP-122
122
1.2mH±6%
80
2.9
M8GNP-152
152
1.5mH±6%
80
3.2
M8GNP-182
182
1.8mH±6%
85
3.7
M8GNP-222
222
2.2mH±6%
90
4.3
M8GNP-272
272
2.7mH±6%
90
4.9
M8GNP-332
332
3.3mH±6%
95
5.6
M8GNP-392
392
3.9mH±6%
100
6.2
M8GNP-472
472
4.7mH±6%
100
6.8
M8GNP-562
562
5.6mH±6%
110
9.2
M8GNP-682
682
6.8mH±6%
110
10.7
M8GNP-822
822
8.2mH±6%
100
13.9
M8GNP-1Ø3
103
10.0mH±6%
105
16.6
M8GNP-123
123
12.0mH±6%
110
21.6
M8GNP-153
153
15.0mH±6%
115
26.6
M8GNP-183
183
18.0mH±6%
100
35.8
M8GNP-223
223
22.0mH±6%
100
40.3
M8GNP-273
273
27.0mH±6%
100
46.3
S
11.0 Max.
3.5 -0.5
+1.0
3.5±0.5
4.5±0.2
7.7±0.5


Podobny numer części - M-8G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M-80 ETC1-M-80 Datasheet
225Kb / 2P
   4AA MIDI TORCH
logo
Harwin Plc
M-80-332 HARWIN-M-80-332 Datasheet
55Kb / 1P
   DATAMATE MIX-TEK
logo
Okaya Electric America,...
M-821PVF OKAYA-M-821PVF Datasheet
213Kb / 1P
   SURGE PROTECTOR
logo
Littelfuse
M-850 LITTELFUSE-M-850 Datasheet
441Kb / 1P
   MARINE IGNITION SWITCHES
2019 Rev: 021119
logo
Clare, Inc.
M-8870 CLARE-M-8870 Datasheet
301Kb / 9P
   DTMF Receiver
More results

Podobny opis - M-8G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com