Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM217D2T-TR Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części LM217D2T-TR
Szczegółowy opis  1.2 V to 37 V adjustable voltage regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217D2T-TR Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button LM217D2T-TR Datasheet HTML 6Page - STMicroelectronics LM217D2T-TR Datasheet HTML 7Page - STMicroelectronics LM217D2T-TR Datasheet HTML 8Page - STMicroelectronics LM217D2T-TR Datasheet HTML 9Page - STMicroelectronics LM217D2T-TR Datasheet HTML 10Page - STMicroelectronics LM217D2T-TR Datasheet HTML 11Page - STMicroelectronics LM217D2T-TR Datasheet HTML 12Page - STMicroelectronics LM217D2T-TR Datasheet HTML 13Page - STMicroelectronics LM217D2T-TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Application information
LM117/LM217/LM317
10/25
Figure 8.
Slow turn-on 15 V regulator
Figure 9.
Current regulator
IO = (Vref/R1) + IADJ = 1.25V/R1
Figure 10.
5 V electronic shut-down regulator


Podobny numer części - LM217D2T-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM217D2T-TR STMICROELECTRONICS-LM217D2T-TR Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM217D2T-TR STMICROELECTRONICS-LM217D2T-TR Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM217D2T-TR STMICROELECTRONICS-LM217D2T-TR Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
More results

Podobny opis - LM217D2T-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
   Low current 1.2 to 37 V adjustable voltage regulators
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
   Medium current 1.2 to 37 V adjustable voltage regulator
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
331Kb / 9P
   Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
   Adjustable Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com