Zakładka z wyszukiwarką danych komponentów |
|
74LV259 Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74LV259 Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 19 page 74LV259_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 2 January 2008 6 of 19 NXP Semiconductors 74LV259 8-bit addressable latch 9. Static characteristics [1] Typical values are measured at Tamb = 25 °C. Table 7. Static characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max VIH HIGH-level input voltage VCC = 1.2 V 0.9 - - 0.9 - V VCC = 2.0 V 1.4 - - 1.4 - V VCC = 2.7 V to 3.6 V 2.0 - - 2.0 - V VIL LOW-level input voltage VCC = 1.2 V - - 0.3 - 0.3 V VCC = 2.0 V - - 0.6 - 0.6 V VCC = 2.7 V to 3.6 V - - 0.8 - 0.8 V VOH HIGH-level output voltage VI = VIH or VIL IO = −100 µA; VCC = 1.2 V - 1.2 - - - V IO = −100 µA; VCC = 2.0 V 1.8 2.0 - 1.8 - V IO = −100 µA; VCC = 2.7 V 2.5 2.7 - 2.5 - V IO = −100 µA; VCC = 3.0 V 2.8 3.0 - 2.8 - V IO = −6 mA; VCC = 3.0 V 2.4 2.82 - 2.2 - V VOL LOW-level output voltage VI = VIH or VIL IO = 100 µA; VCC = 1.2 V - 0 - - - V IO = 100 µA; VCC = 2.0 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 2.7 V - 0 0.2 - 0.2 V IO = 100 µA; VCC = 3.0 V - 0 0.2 - 0.2 V IO = 6 mA; VCC = 3.0 V - 0.25 0.40 - 0.50 V II input leakage current VI =VCC or GND; VCC = 5.5 V - - 1.0 - 1.0 µA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V - - 20.0 - 160 µA ∆ICC additional supply current per input; VI = VCC − 0.6 V; VCC = 2.7 V to 3.6 V - - 500 - 850 µA CI input capacitance - 3.5 - - - pF |
Podobny numer części - 74LV259 |
|
Podobny opis - 74LV259 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |