Zakładka z wyszukiwarką danych komponentów |
|
74LV259N Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74LV259N Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 19 page 74LV259_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 2 January 2008 8 of 19 NXP Semiconductors 74LV259 8-bit addressable latch [1] Typical values are measured at Tamb =25 °C. [2] tpd is the same as tPLH and tPHL. [3] Typical value measured at VCC = 3.3 V. [4] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; ∑(C L × VCC 2 × f o) = sum of outputs. tsu set-up time D, An to LE; see Figure 10 and Figure 11 VCC = 1.2 V - 35 - - - ns VCC = 2.0 V 24 12 - 29 - ns VCC = 2.7 V 18 9 - 21 - ns VCC = 3.0 V to 3.6 V [3] 14 7 - 17 - ns th hold time D to LE; see Figure 10 VCC = 1.2 V - −30 - - - ns VCC = 2.0 V 5 −10 - 5 - ns VCC = 2.7 V 5 −8- 5 - ns VCC = 3.0 V to 3.6 V [3] 5 −6- 5 - ns th hold time An to LE; see Figure 11 VCC = 1.2 V - −20 - - - ns VCC = 2.0 V 5 −7- 5 - ns VCC = 2.7 V 5 −5- 5 - ns VCC = 3.0 V to 3.6 V [3] 5 −4- 5 - ns CPD power dissipation capacitance CL = 50 pF; fi = 1 MHz; VI = GND to VCC [4] 19 pF Table 8. Dynamic characteristics …continued GND = 0 V; For test circuit see Figure 12. Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max |
Podobny numer części - 74LV259N |
|
Podobny opis - 74LV259N |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |