Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV259BQ Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV259BQ
Szczegółowy opis  8-bit addressable latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV259BQ Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV259BQ Datasheet HTML 1Page - NXP Semiconductors 74LV259BQ Datasheet HTML 2Page - NXP Semiconductors 74LV259BQ Datasheet HTML 3Page - NXP Semiconductors 74LV259BQ Datasheet HTML 4Page - NXP Semiconductors 74LV259BQ Datasheet HTML 5Page - NXP Semiconductors 74LV259BQ Datasheet HTML 6Page - NXP Semiconductors 74LV259BQ Datasheet HTML 7Page - NXP Semiconductors 74LV259BQ Datasheet HTML 8Page - NXP Semiconductors 74LV259BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74LV259_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 January 2008
5 of 19
NXP Semiconductors
74LV259
8-bit addressable latch
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 12 mW/K above 70 °C.
[3]
Ptot derates linearly with 8 mW/K above 70 °C.
[4]
Ptot derates linearly with 5.5 mW/K above 60 °C.
[5]
Ptot derates linearly with 4.5 mW/K above 60 °C.
8.
Recommended operating conditions
[1]
The static characteristics are guaranteed from VCC = 1.2 V to VCC = 5.5 V, but LV devices are guaranteed to function down to
VCC = 1.0 V (with input levels GND or VCC).
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±50
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
(T)SSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
[1] 1.0
3.3
3.6
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.0 V to 2.0 V
-
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
VCC = 2.7 V to 3.6 V
-
-
100
ns/V


Podobny numer części - 74LV259BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV259 PHILIPS-74LV259 Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
74LV259D PHILIPS-74LV259D Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
74LV259DB PHILIPS-74LV259DB Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
74LV259N PHILIPS-74LV259N Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
74LV259PW PHILIPS-74LV259PW Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
More results

Podobny opis - 74LV259BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com