Zakładka z wyszukiwarką danych komponentów |
|
S-1000N45-N4T1G Arkusz danych(PDF) 8 Page - Seiko Instruments Inc |
|
S-1000N45-N4T1G Arkusz danych(HTML) 8 Page - Seiko Instruments Inc |
8 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-1000 Series Rev.2.3_00 8 Seiko Instruments Inc. Absolute Maximum Ratings Table 8 (Ta = 25 °C unless otherwise specified) Item Symbol Absolute maximum ratings Unit Power supply voltage VDD − VSS 6 V Nch open-drain output products VSS − 0.3 to VSS + 6 V Output voltage CMOS output products VOUT VSS − 0.3 to VDD + 0.3 V Output current IOUT 50 mA 200 (When not mounted on board) mW SC-82AB 350 *1 mW 300 (When not mounted on board) mW SOT-23-5 600 *1 mW Power dissipation SNT-4A PD 300 *1 mW Operating ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 °C *1. When mounted on board [Mounted board] (1) Board size: 114.3 mm × 76.2 mm × t1.6 mm (2) Board name: JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. 0 50 100 150 600 400 0 Ambient Temperature (Ta) [ °C] 200 100 300 500 700 SC-82AB SNT-4A SOT-23-5 Figure 7 Power Dissipation of Package (When Mounted on Board) |
Podobny numer części - S-1000N45-N4T1G |
|
Podobny opis - S-1000N45-N4T1G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |