Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-1131B46UA-N5FTFG Arkusz danych(PDF) 1 Page - Seiko Instruments Inc

Numer części S-1131B46UA-N5FTFG
Szczegółowy opis  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SII [Seiko Instruments Inc]
Strona internetowa  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1131B46UA-N5FTFG Arkusz danych(HTML) 1 Page - Seiko Instruments Inc

  S-1131B46UA-N5FTFG Datasheet HTML 1Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1131B46UA-N5FTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev.3.0_01
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT
CMOS VOLTAGE REGULATOR
S-1131 Series
Seiko Instruments Inc.
1
The S-1131 Series is a positive voltage regulator
with a low dropout voltage, high output voltage
accuracy, and low current consumption developed
based on CMOS technology.
A built-in low on-resistance transistor provides a
low dropout voltage and large output current, and a
built-in overcurrent protector prevents the load
current from exceeding the current capacitance of
the output transistor. An ON/OFF circuit ensures a
long battery life, and small SOT-89-3, SOT-89-5
and 6-Pin HSON(A) packages realize high-density
mounting.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V steps.
• High-accuracy output voltage: ±1.0%
• Low dropout voltage:
250 mV typ. (3.0 V output product, IOUT
= 100 mA)
• Low current consumption:
During operation: 35
µA typ., 65 µA max.
During shutdown: 0.1
µA typ., 1.0 µA max.
• High peak current capability:
300 mA output is possible (at VIN
≥ VOUT(S) + 1.0 V)
*1
• Built-in ON/OFF circuit:
Ensures long battery life.
• High ripple rejection:
70 dB typ. (at 1.0 kHz)
• Built-in overcurrent protector: Overcurrent of output transistor can be restricted.
• Small package:
SOT-89-3, SOT-89-5, 6-Pin HSON(A)
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for DVD and CD-ROM drives
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for note PCs
Packages
Drawing Code
Package Name
Package
Tape
Reel
SOT-89-3
UP003-A
UP003-A
UP003-A
SOT-89-5
UP005-A
UP005-A
UP005-A
6-Pin HSON(A)
PD006-A
PD006-A
PD006-A


Podobny numer części - S-1131B46UA-N5FTFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-1131B46UA-N5FTFX ABLIC-S-1131B46UA-N5FTFX Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results

Podobny opis - S-1131B46UA-N5FTFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com