Zakładka z wyszukiwarką danych komponentów |
|
TD1611ALFIHP-4 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
TD1611ALFIHP-4 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 27 page NXP Semiconductors TD1600ALF-4 Tuner module for digital terrestrial (OFDM) applications TD1600ALF-4 © NXP B.V. 2006. All rights reserved. Preliminary data sheet Rev.c — 23-04-2007 2 of 27 Table 1. Frequency allocation table Parameter TD1611ALF-4/ TD1311ALF-4 TD1344ALF-4 174 MHz – 230 MHz RF frequency range 474 MHz – 858 MHz (*) 474 MHz – 858 MHz (*) Channel bandwidth 7/8MHz 8 MHz RF-loopthrough range ch E2 - ch E69 ch E2 - ch E69 IF-center frequency 36.16 MHz 36.16 MHz RF input connector IEC female IEC female RF output connector IEC male IEC male (*) data refer to RF-channel center frequency. 2. Features • Highly integrated RF-module, 3-band tuner plus active loopthrough • +5V supply voltage only; no external tuning voltage required • Tuners for horizontal and vertical mounting available • Option with DC – power output through input connector (e.g. indoor antenna supply) • Tuners comply with relevant CENELEC standards with regard to requirements concerning signal handling capability and immunity • Superior low noise and high sensitivity performance • RF-in to RF-out loopthrough amplifiers • Low noise and excellent linearity • Full VHF to UHF frequency range coverage • Standard connectors for in- and output e.g. IEC, F-connector, RCA • High performance and cost effective single conversion tuner • I2C programmable • 400kHz Bus compliant • Fast PLL tuning speed (programmable step size e.g. 62.5kHz and 166.67kHz) • Tuner internal gain control loop with selectable TakeOverPoint settings via I2C Bus • External gain control possible with internal loop disabled • 4.0V (max. gain) to 0V (min. gain) gain control voltage • Flat overall frequency response • High PLL loop bandwidth which ensures very low oscillator phase noise • 4 MHz crystal reference frequency output • SAW-filter and IF-amplifier included • Switchable 7/8 MHz SAW filter • Fixed 8 MHZ SAW filter • IF-amplification controllable over a wide range |
Podobny numer części - TD1611ALFIHP-4 |
|
Podobny opis - TD1611ALFIHP-4 |