Zakładka z wyszukiwarką danych komponentów |
|
TD1611ALFIHP-4 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
TD1611ALFIHP-4 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 27 page NXP Semiconductors TD1600ALF-4 Tuner module for digital terrestrial (OFDM) applications TD1600ALF-4 © NXP B.V. 2006. All rights reserved. Preliminary data sheet Rev.c — 23-04-2007 5 of 27 5. Pinning information 5.1 Pinning Fig 2. Pinning diagram 5.2 Pin description Table 3. Pin description Table description (optional) Pin Description 1 DC-power option for tuners with P-extension [1] 2 External RF-gain control voltage (0.5V - 4.0V) [2] 3 PLL chip address select (I 2C / tuner) [3] 4 SCL (I 2C / tuner) 5 SDA (I 2C / tuner) 6 4MHz reference frequency output [4] 7 +5V ± 5% supply tuner (V TU) 8 'broadband' IF – output [4] 9 IF-gain control voltage [5] 10 'narrowband' IF – output 1 [4] 11 'narrowband' IF – output 2 [4] [1] Max. permissible current: 35mA [2] Max. permissible control voltage source impedance limited to 200ohms (see application notes) [3] see application notes [4] AC coupled [5] max. gain at 3V,min. gain at 0V (see application notes) |
Podobny numer części - TD1611ALFIHP-4 |
|
Podobny opis - TD1611ALFIHP-4 |