Zakładka z wyszukiwarką danych komponentów |
|
S-1132B33-U5T1G Arkusz danych(PDF) 3 Page - Seiko Instruments Inc |
|
S-1132B33-U5T1G Arkusz danych(HTML) 3 Page - Seiko Instruments Inc |
3 / 35 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR Rev.3.2_00 S-1132 Series Seiko Instruments Inc. 3 Product Name Structure • The product types, output voltage, and package types for the S-1132 Series can be selected at the user’s request. Refer to the “1. Product name” for the meanings of the characters in the product name and “2. Product name list” for the full product names. 1. Product name S-1132 x xx – xxxx G Package name (abbreviation) and packing specifications *1 M5T1: SOT-23-5, Tape U5T1: SOT-89-5, Tape I6T2: SNT-6A(H), Tape Output voltage 15 to 55 (e.g., when the output voltage is 1.5 V, it is expressed as 15.) Product type *2 A: ON/OFF pin negative logic B: ON/OFF pin positive logic *1. Refer to the taping specifications at the end of this book. *2. Refer to 3. Shutdown pin (ON/OFF pin) in the “Operation”. |
Podobny numer części - S-1132B33-U5T1G |
|
Podobny opis - S-1132B33-U5T1G |