Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS175T48-12 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części GS175T48-12
Szczegółowy opis  120W/175W DC-DC CONVERTERS FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS175T48-12 Arkusz danych(HTML) 4 Page - STMicroelectronics

  GS175T48-12 Datasheet HTML 1Page - STMicroelectronics GS175T48-12 Datasheet HTML 2Page - STMicroelectronics GS175T48-12 Datasheet HTML 3Page - STMicroelectronics GS175T48-12 Datasheet HTML 4Page - STMicroelectronics GS175T48-12 Datasheet HTML 5Page - STMicroelectronics GS175T48-12 Datasheet HTML 6Page - STMicroelectronics GS175T48-12 Datasheet HTML 7Page - STMicroelectronics GS175T48-12 Datasheet HTML 8Page - STMicroelectronics GS175T48-12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GS175T48-12 ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 12V
Io = 0 to 15A
(Operating Conditions)
38
48
60
VDC
Viuv
Input Undervoltage Lockout
Vo = 12V
Io = 0 to 15A
32
34
36
VDC
li
Average Input Current
Vi = 0 to 60V
Io = 15A
5.5
A
lipk
Inrush Transient Peak Current
Vi = 60V
Io = 15A
0.2
A
2s
lir
Reflected Input Current
Vi = 38 to 60V
BW = 5Hz to 20MHz
Io = 15A (See fig. 2)
20
mApp
Vien
Enable Input Voltage
Vi = 38 to 60V Io = 0 to 15A
0
1.2
V
lien
Enable Input Current
Vi = 38 to 60V Io = 0 to 15A
Vien =0V
-1
mA
Viinh
Inhibit Voltage
Vi = 38 to 60V Io = 0 to 15A
Vien = open
818
V
Pi
Input Power
Vi = 38 to 60V Io = 0A (No Load)
1.5
2
W
Vo
Total Output Voltage Regulation
Vi = 38 to 60V Io = 0 to 15A
11.4
12.0
12.6
V
Vost
Short-term Output
Voltage Regulation
Vi = 38 to 60V Io = 0 to 15A
11.76
12.0
12.24
V
Vots
Total Static Tolerance
Vi = 38 to 60V Io = 0 to 15A
11.64
12.0
12.36
V
Vol
Output Overvoltage
Limit Initiation
Vi = 38 to 60V Io = 0 to 15A
13.2
14
15
VDC
Vor
Output Ripple Voltage
Vi = 38 to 60V Io = 15A
35
70
mVpp
Von
Output Noise Voltage
Vi = 38 to 60V Io = 15A
60
120
mVpp
∆Vo
Total Remote Sense
Compensation
Vi = 38 to 60V
0.6
V
δVo
Peak Load Transient Response
Vi = 48V δIo =3A
slope = 0.2A/
µs
200
mVp
Io
Output Current
Vi = 38 to 60V Vo = 12V
015
A
Iol
Overcurrent Limit Initiation
Vi = 48V
16
19
A
Iosc
Shortcircuit Output Current
Vi = 48V
25
A
ts
Load Transient Setting Time
Vi = 48V
δIo =3A
slope = 0.2A/
µs
300
µs
ton
Turn-on Time
Vi = 48V
Io = 15A
Vien = from high to low
5ms
Vi = 0 to 60V
Io = 15A
Vien = low
310
Vis
Isolation Voltage
500
V
fs
Switching Frequency
Vi = 38 to 60V Io = 0 to 15A
160
175
200
kHz
η
Efficiency
Vi = 38 to 60V Io = 15A
84
86
%
Rth
Thermal Resistance
Case to Ambient
5.2
°C/W
Tcop
Operating Case
Temperature Range
– 10
+85
°C
Tstg
Storage Temperature Range
– 40
+105
°C
4/10
GS120/175T48 FAMILY


Podobny numer części - GS175T48-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
More results

Podobny opis - GS175T48-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
   70W/100W DC-DC CONVERTERS FAMILY
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Ningbo Leison Motor Co....
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
   DC Motor 120W
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA-MYPMA01218RCF-CAB Datasheet
622Kb / 6P
   120W DC-DC converter(216W peak)
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
   120W DC-DC Open Frame Power Supply
logo
Mean Well Enterprises C...
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com