Zakładka z wyszukiwarką danych komponentów |
|
LF2020NP-B-223 Arkusz danych(PDF) 1 Page - Sumida Corporation |
|
LF2020NP-B-223 Arkusz danych(HTML) 1 Page - Sumida Corporation |
|
1 / 1 page AC COMMON MODE COIL <Pin Type: LF Series> Type: LF2020 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 21.5±1.0 4.5 ±1.0 10.0±0.5 16.2±1.0 ◆ Product Description ・ 22.0×17.0mm Max.(L×W), 22.5mm Max. Height ・ Inductance Range: 2.2mH~33mH ・ Rated current range: 0.3~1.30A(LF2020) ・ In addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements. ◆ Feature ・ Small size and large inductance type. ・ Exellent attenuation characteristics in low frequency. ・ Ideally used in noise prevention for TV,VCR,AV,OA equipment. ・ RoHS Compliance ◆ Dimensions (mm) ◆ Schematics (Bottom) * Winding start is #1,#4 or #2,#3. * #1, #2: should be same polarity. * Dimension does not include solder u sed on coil. * Terminal pitch is measured at the base.(not from tip of the pin) ◆ Specification Part No. Stamp Inductance [MIN.] (mH) (1-2)( 4-3) 1kHz Inductance Balance [ MAX.](μH) D.C.R. (Ω) [MAX.] (1-2)(4-3) (at 20℃) Rated current (50/60Hz) ( Arms)※1 LF2Ø2ØNP-B-222 222 2.2 150 0.24 1.3 LF2Ø2ØNP-B-392 392 3.9 150 0.41 1.0 LF2Ø2ØNP-B-1Ø3 103 10 550 1.00 0.6 LF2Ø2ØNP-B-183 183 18 600 1.63 0.5 LF2Ø2ØNP-B-223 223 22 800 2.04 0.4 LF2Ø2ØNP-B-333 333 33 800 3.42 0.3 ※ 1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃). ① ② ③ ④ |
Podobny numer części - LF2020NP-B-223 |
|
Podobny opis - LF2020NP-B-223 |