Zakładka z wyszukiwarką danych komponentów |
|
LF2115NP-B-333 Arkusz danych(PDF) 1 Page - Sumida Corporation |
|
LF2115NP-B-333 Arkusz danych(HTML) 1 Page - Sumida Corporation |
|
1 / 1 page AC COMMON MODE COIL <Pin Type: LF Series> Type: LF2115 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 21.0±1.0 17.0 Max. 3.5±0.5 13.0±0.5 ◆ Product Description ・ 21.0×22.0mm Max.(L×W), 17.0mm Max. Height. ・ Inductance range: 2.2mH~33mH ・ Rated current range: 0.3~1.30A ・ In addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements. ◆ Feature ・ Small size and large inductance type. ・ Low profile type of LF2020 ・ Exellent attenuation characteristics in low frequency range. ・ Ideally used in TV,VCR,AV,OA equipment for noise prevention. ・ RoHS Compliance ◆ Dimensions (mm) ◆ Schematics (Bottom) * Winding start is #1,#4 or #2,#3. * Dimension does not include solder used on coil. * #1, #2:should be the same * Terminal pitch is measured at the base(not from tip of the pin ) polarity. ◆ Specification Part No. Stamp Inductance [MIN.](mH) (1-2)( 4-3) 1kHz Inductance Balance [ MAX.](μH) D.C.R. (Ω) [MAX.] (1-2)(4-3) (at 20℃) Rated Current (50/60Hz) ( Arms)※1 LF2115NP-B-222 222 2.2 150 0.24 1.3 LF2115NP-B-392 392 3.9 150 0.41 1.0 LF2115NP-B-1Ø3 103 10 550 1.00 0.6 LF2115NP-B-183 183 18 600 1.63 0.5 LF2115NP-B-223 223 22 800 2.04 0.4 LF2115NP-B-333 333 33 800 3.42 0.3 ※ 1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃). ① ② ③ ④ |
Podobny numer części - LF2115NP-B-333 |
|
Podobny opis - LF2115NP-B-333 |