Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 1 Page - DIOTEC Electronics Corporation

Numer części 1N4001
Szczegółowy opis  1 AMP GENERAL PURPOSE SILICON DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DEC [DIOTEC Electronics Corporation]
Strona internetowa  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

1N4001 Arkusz danych(HTML) 1 Page - DIOTEC Electronics Corporation

  1N4001 Datasheet HTML 1Page - DIOTEC Electronics Corporation 1N4001 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
FEATURES
Data Sheet No. GPDP-101-1B
MECHANICAL SPECIFICATION
1 AMP GENERAL PURPOSE SILICON DIODES
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Average Forward Rectified Current @ T = 75 C
(Lead length = 0.375 in. (9.5 mm))
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current (8.3 mSec single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 1 Amp DC
Typical Thermal Resistance, Junction to Ambient (Note 1)
Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
I
R
T T
I
V
V
V
SYMBOL
RATINGS
VOLTS
°C/W
°C
AMPS
UNITS
VOLTS
A
V
I
Typical Junction Capacitance (Note 2)
C
pF
@ T = 25 C
@ T = 100 C
Low cost
Low leakage
Low forward voltage drop
High current capacity
Easily cleaned with freon, alcohol, chlorothene and similar
solvents
Case: JEDEC DO-41, molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.012 Ounces (0.34 Grams)
H1
MECHANICAL DATA
ACTUAL SIZE OF
DO-41 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
Maximum Full Cycle Reverse Current @ T = 75 C (Note 1)
SERIES 1N4001 - 1N4007
DO - 41
RoHS COMPLIANT


Podobny numer części - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results

Podobny opis - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOTEC Electronics Corp...
GP600 DEC-GP600 Datasheet
400Kb / 2P
   6 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
BA5A5 EDAL-BA5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 1.0 AMP DIODES
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391 Datasheet
277Kb / 2P
   1.5 AMP GENERAL PURPOSE SILICON DIODES
1N5400 DEC-1N5400 Datasheet
291Kb / 2P
   3 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
B8A5 EDAL-B8A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 2.0 AMP DIODES
M5A5 EDAL-M5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
M7A5 EDAL-M7A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 6.0 AMP DIODES
MA4A5 EDAL-MA4A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
logo
Central Semiconductor C...
CMR1-02M CENTRAL-CMR1-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP
logo
Compensated Deuices Inc...
1N5194UR CDI-DIODE-1N5194UR Datasheet
33Kb / 2P
   GENERAL PURPOSE SILICON DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com