Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1002-BD-000V Arkusz danych(PDF) 3 Page - Mimix Broadband

Numer części XX1002-BD-000V
Szczegółowy opis  2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-BD-000V Arkusz danych(HTML) 3 Page - Mimix Broadband

  XX1002-BD-000V Datasheet HTML 1Page - Mimix Broadband XX1002-BD-000V Datasheet HTML 2Page - Mimix Broadband XX1002-BD-000V Datasheet HTML 3Page - Mimix Broadband XX1002-BD-000V Datasheet HTML 4Page - Mimix Broadband XX1002-BD-000V Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.5-6.0/5.0-12.0 GHz GaAs MMIC
Active Doubler
Mechanical Drawing
Bias Arrangement
Page 3 of 5
(Note: Engineering designator is 5DBL0644)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.200 x 0.100 (0.008 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.566 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (Vcc)
Bond Pad #3 (RF Out)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
July 2007 - Rev 27-Jul-07
X1002-BD
0.800
(0.031)
1
2
3
0.632
(0.025)
0.300
(0.012)
2.000
(0.079)
0.0
0.0
0.371
(0.015)
Vcc
RF In
RF Out
1
2
3


Podobny numer części - XX1002-BD-000V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
logo
M/A-COM Technology Solu...
XX1002-QH MA-COM-XX1002-QH Datasheet
896Kb / 6P
   Active Doubler
More results

Podobny opis - XX1002-BD-000V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com