Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1001-QK-EV1 Arkusz danych(PDF) 4 Page - Mimix Broadband

Numer części XX1001-QK-EV1
Szczegółowy opis  18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1001-QK-EV1 Arkusz danych(HTML) 4 Page - Mimix Broadband

  XX1001-QK-EV1 Datasheet HTML 1Page - Mimix Broadband XX1001-QK-EV1 Datasheet HTML 2Page - Mimix Broadband XX1001-QK-EV1 Datasheet HTML 3Page - Mimix Broadband XX1001-QK-EV1 Datasheet HTML 4Page - Mimix Broadband XX1001-QK-EV1 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
XX1001-QK, MTTF (yrs) vs. Backplate Temperature (°C)
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
55
65
75
85
95
Temperature (°C)
18.0-21.0/36.0-42.0 GHz Doubler and
Power Amplifier, QFN, 7x7mm
Page 4 of 5
App Note [1] Biasing
- Please refer to the application diagram above for recommended biasing information. The table below shows the
recommended drain currents for each stage.
It is possible to bias each stage separately for greater bias control with the following conditions: Id1<1mA, Id2=20mA, Id3=40mA, Id4=70mA,
Id5=150mA, Id6=270mA. It is recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this gives
the most reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single
transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the
pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed to do this is -0.7V. Typically the gate is
protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available
before applying the positive drain supply.
Recommended Layout
Bias Application Schematic
X1001-QK
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 07-Mar-07
MTTF Tables
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
21
22
23
24
25
26
27
28
RF IN
RF OUT
XX1001-QK
Vg1 (-0.7V)
10 nF
1µF
+
10 nF
1µF
+
10 nF
1µF
+
10 nF
1µF
+
Vd1 (+2.5V)
Vg3,4,5 (-1.2V)
Vg6 (-1.2V)
10 nF
1µF
+
10 nF
1µF
+
10 nF
1µF
+
10 nF
1µF
+
Vg2 (-0.5V)
Vd2 (+3V)
Vd3,4,5 (+ 4.5V)
Vd6 (+ 4.5V)
Pin
VD1
VD2
VD3,4,5
VD6
Voltage (V)
2.5
3.0
4.5
4.5
Current (ma)
<1
20
260
270
Comment
Drain Bias (Doubler)
Drain Bias (Buffer Amp)
Drain Bias (PA)
Drain Bias (PA - final stage)


Podobny numer części - XX1001-QK-EV1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1001-QK-EV1 MIMIX-XX1001-QK-EV1 Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
logo
M/A-COM Technology Solu...
XX1001-QK-EV1 MA-COM-XX1001-QK-EV1 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
More results

Podobny opis - XX1001-QK-EV1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1001-QK MIMIX-XX1001-QK Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK MIMIX-XX1001-QK_09 Datasheet
220Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler
XX1001-BD MIMIX-XX1001-BD Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
20DBL0629 MIMIX-20DBL0629 Datasheet
209Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XP1031-QK MIMIX-XP1031-QK Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD Datasheet
438Kb / 5P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
38TX0768-QB MIMIX-38TX0768-QB Datasheet
293Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com