Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1984BJCPZ-RL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD1984BJCPZ-RL
Szczegółowy opis  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1984BJCPZ-RL Arkusz danych(HTML) 3 Page - Analog Devices

  AD1984BJCPZ-RL Datasheet HTML 1Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 2Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 3Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 4Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 5Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 6Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 7Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 8Page - Analog Devices AD1984BJCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1984B
Rev. 0
|
Page 3 of 20
|
February 2008
GENERAL DESCRIPTION
The AD1984B audio codec and SoundMAX
® software provide
superior high definition audio quality that exceeds Vista Pre-
mium performance. The AD1984B has two 192 kHz DAC pairs,
two 192 kHz ADC pairs, dual S/PDIF outputs, a 2-channel digi-
tal microphone interface, and digital and analog PCBeep. These
features make the AD1984B the right choice for desktop and
notebook PCs where performance is key. For more information
on SoundMAX codecs and software see the Analog Devices,
Inc., website at www.analog.com/soundMAX.
The AD1984B has two S/PDIF outputs that can connect to both
S/PDIF jacks and external HDMITM encoder devices.
The AD1984B is available in a 48-lead, RoHS compliant frame
chip scale package in both reels and trays. See Ordering Guide
on Page 18.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the AD1984B
SoundMAX codec’s architecture and functionality. Detailed
widget information is available in the AD1984B Programmers
Reference Manual. Please contact your local ADI sales represen-
tative for more information.
JACK CONFIGURATION
The guidelines shown in Table 1 through Table 3 should be
used when selecting ports for particular functions.
Table 1. Typical Desktop Configuration
Port
Function
Port A
Front Panel Headphone
Port B
Front Panel Microphone
Port C
Rear Panel Line-In/Microphone
Port D
Rear Panel Line-Out/Headphone
S/PDIF-1
Optical/RCA S/PDIF Output
S/PDIF-2
HDMI Encoder Audio Source
Table 2. Typical Notebook Configuration
Port
Function
Port A
Headphone
Port B
Microphone
Port C
Internal Microphone
Port F
Internal Stereo Speakers
S/PDIF-1
Optical/RCA S/PDIF Output
S/PDIF-2
HDMI Encoder Audio Source
Table 3. Typical Notebook Configuration with Dock
Interface
Port
Function
Port A
Headphone
Port B
Microphone
Port C
Internal Microphone
Port D
Dock Line-Out/Headphone
Port E
Dock Line-In/Microphone
Port F
Internal Stereo Speakers
S/PDIF-1
Optical/RCA S/PDIF Output
S/PDIF-2
HDMI Encoder Audio Source


Podobny numer części - AD1984BJCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Podobny opis - AD1984BJCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com