Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM12454 Arkusz danych(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM12454
Szczegółowy opis  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12454 Arkusz danych(HTML) 7 Page - National Semiconductor (TI)

Back Button LM12454_06 Datasheet HTML 3Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 4Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 5Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 6Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 7Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 8Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 9Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 10Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DC Characteristics (Notes 6, 7, 8)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V, VREF+ = 5V, VREF− = 0V,
f
CLK = 8.0 MHz (LM12H454/8) or fCLK = 5.0 MHz (LM12458), and minimum acquisition time unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
I
D+VD+ Supply Current
CS = “1”
LM12454/8
LM12H458
0.55
0.55
1.0
1.2
mA (max)
mA (max)
I
A+VA+ Supply Current
CS = “1”
LM12454/8
LM12H458
3.1
3.1
5.0
5.5
mA (max)
mA (max)
I
ST
Stand-By Supply Current (I
D+)+(IA+)
[Power-Down Mode Selected]
Clock Stopped
8 MHz Clock
10
40
µA (max)
µA (max)
Multiplexer ON-Channel Leakage Current
V
A+ = 5.5V
ON-Channel = 5.5V,
OFF-Channel = 0V
0.1
0.3
µA (max)
ON-Channel = 0V
OFF-Channel = 5.5V
0.1
0.3
µA (max)
Multiplexer OFF-Channel Leakage Current
V
A+ = 5.5V
ON-Channel = 5.5V
OFF-Channel = 0V
0.1
0.3
µA (max)
ON-Channel = 0V
OFF-Channel = 5.5V
0.1
0.3
µA (max)
R
ON
Multiplexer ON-Resistance
LM12454
V
IN = 5V
800
1500
Ω(max)
V
IN = 2.5V
850
1500
Ω(max)
V
IN = 0V
760
1500
Ω(max)
Multiplexer Channel-to-Channel
R
ON matching
LM12454
V
IN =5V
±1.0%
±3.0%
(max)
V
IN = 2.5V
±1.0%
±3.0%
(max)
V
IN =0V
±1.0%
±3.0%
(max)
Internal Reference Characteristics (Notes 6, 7)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V unless otherwise specified.
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
V
REFOUT
Internal Reference Output Voltage
2.5
2.5 ±4%
V (max)
∆V
REF/
∆T Internal Reference Temperature Coefficient
40
ppm/˚C
REF/
∆I
L
Internal Reference Load Regulation
Sourcing (0 < I
L
≤ +4 mA)
0.2
%/mA (max)
Sinking (−1
≤ I
IL < 0 mA)
1.2
%/mA (max)
∆V
REF
Line Regulation
4.5V
≤ V
A+
≤ 5.5V
3
20
mV (max)
I
SC
Internal Reference Short Circuit Current
V
REFOUT =0V
13
25
mA (max)
∆V
REF/
∆t Long Term Stability
200
ppm/kHr
t
SU
Internal Reference Start-Up Time
V
A+=VD+=0V →
5V, C
L = 100 µF
10
ms
www.national.com
7


Podobny numer części - LM12454_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
More results

Podobny opis - LM12454_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com